Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R3132J Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-R3132J
Description  GaAsP /GaP Yellow Low power consumption.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-R3132J Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-R3132J Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-R3132J Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--R
R3
31
13
32
2JJ
Ver.2.0 Page: 1 of 2
SINCE 1981
3.5(.138)
25.4(1.00) MIN.
1.0(.039)
2.4(.094)
1.5(.059)
MAX.
2.54(.100)
NOM.
4.9(.193)
0.5(.020) SQ.TYP.
MIN.
5.0(.197)
2.4(.094)
3.3(.130)
2.5(.098)
6.1(.240)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
● Package dimensions:
1. Chip material: GaAsP /GaP
2. Emitted color : Yellow
3. Lens Appearance : Yellow Diffused
4. Low power consumption.
5. Most suitable for use like level indicator.
6. Excellent uniformity of light emittance.
7. Long life solid state reliability.
8. Compatible.
9. This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
80
mW
Forward Current
IF
30
mA
Peak Forward Current*1
IFP
150
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40℃~80℃
Storage Temperature
Tstg
-40℃~85℃
Soldering Temperature
Tsol
260℃(for 5 seconds)
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.


Similar Part No. - BL-R3132J

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R3132J YSTONE-BL-R3132J Datasheet
641Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
More results

Similar Description - BL-R3132J

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-R3121F BRIGHT-BL-R3121F Datasheet
147Kb / 2P
GaAsP/GaP Yellow Low power consumption.
BL-R3131 BRIGHT-BL-R3131 Datasheet
128Kb / 2P
GaAsP /GaP Yellow Low power consumption.
BL-R3131E-T BRIGHT-BL-R3131E-T Datasheet
128Kb / 2P
GaAsP /GaP Yellow Low power consumption.
BL-R3132 BRIGHT-BL-R3132 Datasheet
129Kb / 2P
GaAsP/GaP Yellow Low power consumption.
BL-R3132B BRIGHT-BL-R3132B Datasheet
140Kb / 2P
GaAsP /GaP Yellow Low power consumption.
BL-R3133A BRIGHT-BL-R3133A Datasheet
152Kb / 2P
GaAsP /GaP Yellow Low power consumption.
BL-R3135B BRIGHT-BL-R3135B Datasheet
132Kb / 2P
GaAsP /GaP Yellow Low power consumption.
BL-R3138C BRIGHT-BL-R3138C Datasheet
152Kb / 2P
GaAsP/GaP Yellow Low power consumption.
BL-R3139A BRIGHT-BL-R3139A Datasheet
152Kb / 2P
GaAsP /GaP Yellow Low power consumption.
BL-S3136 BRIGHT-BL-S3136 Datasheet
132Kb / 2P
GaAsP/GaP Yellow Low power consumption.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com