Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU941ZP Datasheet(PDF) 1 Page - STMicroelectronics

Part # BU941ZP
Description  HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU941ZP Datasheet(HTML) 1 Page - STMicroelectronics

  BU941ZP Datasheet HTML 1Page - STMicroelectronics BU941ZP Datasheet HTML 2Page - STMicroelectronics BU941ZP Datasheet HTML 3Page - STMicroelectronics BU941ZP Datasheet HTML 4Page - STMicroelectronics BU941ZP Datasheet HTML 5Page - STMicroelectronics BU941ZP Datasheet HTML 6Page - STMicroelectronics BU941ZP Datasheet HTML 7Page - STMicroelectronics BU941ZP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BU941Z/BU941ZP
BU941ZPFI
HIGH VOLTAGE IGNITION COIL DRIVER
NPN POWER DARLINGTON
s
VERY RUGGED BIPOLAR TECHNOLOGY
s
BUILT IN CLAMPING ZENER
s
HIGH OPERATING JUNCTION
TEMPERATURE
s
WIDE RANGE OF PACKAGES
APPLICATIONS
s
HIGH RUGGEDNESS ELECTRONIC
IGNITIONS
INTERNAL SCHEMATIC DIAGRAM
January 2000
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
BU941Z
BU941Z P
BUB941ZPFI
VCEO
Collect or-Emitter Voltage (IB = 0)
350
V
VEBO
Emitter-Base Voltage (IC =0)
5
V
IC
Collect or Current
15
A
ICM
Collect or Peak Current
30
A
IB
Base Current
1
A
IBM
Base Peak Current
5
A
Ptot
Tot al Dissipation at Tc =25
oC
180
155
65
W
Tstg
Storage T emperat ure
-65 to 200
-65 to 175
-65 to 175
oC
Tj
Max. O perating Junction Temperature
200
175
175
oC
for TO-3
Emitter: pin 2
Base: pin1
Collector: tab
1
2
3
TO-218
ISOWATT218
1
2
3
1
2
TO-3
®
1/8


Similar Part No. - BU941ZP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU941ZP STMICROELECTRONICS-BU941ZP Datasheet
496Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTORS
03-Feb-2005
logo
Inchange Semiconductor ...
BU941ZP ISC-BU941ZP Datasheet
104Kb / 2P
isc Silicon NPN Darlington Power Transistor
logo
STMicroelectronics
BU941ZP STMICROELECTRONICS-BU941ZP Datasheet
486Kb / 11P
High voltage ignition coil driver NPN power Darlington transistors
22-Jan-2008
logo
Cystech Electonics Corp...
BU941ZP3 CYSTEKEC-BU941ZP3 Datasheet
250Kb / 5P
NPN Epitaxial Planar Transistor
logo
STMicroelectronics
BU941ZPFI STMICROELECTRONICS-BU941ZPFI Datasheet
496Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTORS
03-Feb-2005
More results

Similar Description - BU941ZP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU931 STMICROELECTRONICS-BU931 Datasheet
73Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Sep-1999
BU941 STMICROELECTRONICS-BU941 Datasheet
87Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Dec-1999
BU941ZT STMICROELECTRONICS-BU941ZT Datasheet
83Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Jan-1999
ST901T STMICROELECTRONICS-ST901T Datasheet
61Kb / 4P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Jun-1997
ST931ZT STMICROELECTRONICS-ST931ZT Datasheet
45Kb / 4P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Mar-1999
logo
Unisonic Technologies
BU941 UTC-BU941 Datasheet
179Kb / 4P
NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
BU941 UTC-BU941_07 Datasheet
164Kb / 5P
NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
BU941Z UTC-BU941Z Datasheet
202Kb / 5P
NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
logo
New Jersey Semi-Conduct...
BU491 NJSEMI-BU491 Datasheet
92Kb / 2P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
logo
Unisonic Technologies
BU941Z UTC-BU941Z_15 Datasheet
218Kb / 5P
NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com