Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

484R7SC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # 484R7SC
Description  Shielded Surface Mount Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

484R7SC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  484R7SC Datasheet HTML 1Page - Murata Power Solutions Inc. 484R7SC Datasheet HTML 2Page - Murata Power Solutions Inc. 484R7SC Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KMP_4800SC_B05 Page 2 of 3
4800S Series
Shielded Surface Mount Power Inductors
www.murata-ps.com/support
INDUCTANCE Vs CURRENT
TEMPERATURE Vs CURRENT
INDUCTANCE Vs FREQUENCY
0.1
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
Current, IDC (A)
1mH
100μH
10μH
1μH
0
10
20
30
40
50
60
02
46
8
10
12
14
Current, IDC (A)
1mH
100μH
10μH
1μH
0.1
1
10
100
1000
10000
10
100
1000
10000
Frequency, (kHz)
1mH
100μH
10μH
1μH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com