Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18/2FPLP-SH Datasheet(PDF) 1 Page - Structured Cable Products Inc.

Part # 18/2FPLP-SH
Description  2C/18AWG SOLID SHIELDED FPLP PLENUM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

18/2FPLP-SH Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  18/2FPLP-SH Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description:
2C/18AWG SOLID SHIELDED FPLP PLENUM- RED- 1000 FT SPOOL
Regulatory
Application
Fire Alarm Cable
Construction Characteristics:
Material
Size
Construction
1.02+/-0.005mm
Material
Min. Thickness
Electrical & Physical Characteristics
AVG.Thickness
-20℃ ~ +75℃
Diameter
300 Volt RMS
Colors
<=6.649 Ohms/1000 FT. at 25℃
Material
62.6 pF/ft(Nominal)@ 1kHz
Min. Thickness
Vrms (Maximum) 1.5K
AVG.Thickness
Tensile Strength
>=10.3Mpa
Diameter
Elongation
>=100%
Rip Cord
Tensile Strength
>=10.3Mpa
Drain Wire
Elongation
>=100%
AL Foil
Color
Spools per pallet
Pallet weight
48 spools
527.52kg
10.9kg/spool
25x13.5x25cm
1000ft/spool
Conductor
Insulation
Jacket
Insulation
Jacket
Red
Markings
STRUCTURED CABLE PRODUCTS INC --- P/N 18/2FPLP-SH--- PLENUM FIRE ALARM CABLE --- 2C/18 AWG SOL BC SHIELDED (UL) FPLP
E324624-SCP7 OR CL2P/CL3P OR (UL) c(UL) CMP FT6 75C LS-PVC JKT --- ROHS ZONE/DEVICE A B C D E 0 1 2 3 4 5 6 7 8 9 XXX FT LOT
# 0502160
Packaging
Approx Weight
Approx Dimension (Spool)
Package
>=0.38mm
4.16﹢/-0.20mm
Yes
Red 7*0.2mm
Yes
Red,Black
DCR Conductor
FRPVC
Capacitance(Cond-Cond)
>=0.33mm
Insulation voltage
FRPVC
>=0.20mm
>=0.24mm
Operating Temperature Range
1.42+/-0.10mm
Voltage Rating
UL STANDARD 444 & UL 13 & UL 1424, FPLP OR CL2P/CL3P
OR(UL) c(UL) CMP FT6
Solid Bare Copper
18AWG*2C
SCP PART#: 18/2FPLP-SH
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: +1-866-470-5742
Rev06/23


Similar Part No. - 18/2FPLP-SH

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
18/2FPLP STRUCTURED-CABLE-18/2FPLP Datasheet
611Kb / 1P
2C/18AWG SOLID FPLP PLENUM
Rev06/23
More results

Similar Description - 18/2FPLP-SH

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3210 GENERAL-C3210 Datasheet
27Kb / 1P
2/C 16 SOLID BC HALAR INS. & PVDF JKT 2/C 16 AWG FPLP PLENUM CABLE
C4311A GENERAL-C4311A Datasheet
73Kb / 1P
2C 20 SOLID TC SR-PVC PVC COMMUNICATION CABLE
C4344A GENERAL-C4344A Datasheet
59Kb / 1P
2C 16 AWG Solid BC Shielded PVC / PVC Fire Alarm / Life Safety Cable
C8105 GENERAL-C8105 Datasheet
25Kb / 1P
Tinned Copper conductor, FEP Insulation, Individually shielded pairs, and overall Plenum PVC Jacketed Plenum
E1000S GENERAL-E1000S Datasheet
73Kb / 1P
2C 22 SOLID BC SR-PVC PVC
10/29/2007
E3000S GENERAL-E3000S Datasheet
74Kb / 1P
2C 22 SOLID BC FLEX FLEX Sound, Alarm & Security Cable
E3512S GENERAL-E3512S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC PVC / PVC
E3602S GENERAL-E3602S Datasheet
73Kb / 1P
2C 18 SOLID BC FLEX OAS FLEX
E3612S GENERAL-E3612S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC OAS PVC / PVC
logo
Belden Inc.
5500FH BELDEN-5500FH Datasheet
151Kb / 2P
Security & Sound, #22-2c, TC, Shielded, CMR
12-20-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com