Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH127C/ANP-331M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH127C/ANP-331M
Description  POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH127C/ANP-331M Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH127C/ANP-331M Datasheet HTML 1Page - Sumida Corporation CDRH127C/ANP-331M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDRH***/A Series>
Type: CDRH127C/A
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
B Box
C Carrier Tape
◆
Specification
Part Name
※
Stamp
Inductance
(μH)
[
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Rated Current
(A).at 125℃
※
1
CDRH127C/ANP-1ØØM□
100
10±20%
16.8(13.4)
4.6
CDRH127C/ANP-12ØM□
120
12±20%
18.7(14.9)
4.3
CDRH127C/ANP-15ØM□
150
15±20%
20.5(16.4)
4.1
CDRH127C/ANP-18ØM□
180
18±20%
25.4(20.3)
3.5
CDRH127C/ANP-22ØM□
220
22±20%
30.0(23.8)
3.3
CDRH127C/ANP-27ØM□
270
27±20%
32.0(25.6)
3.2
CDRH127C/ANP-33ØM□
330
33±20%
46.0(36.8)
2.5
CDRH127C/ANP-39ØM□
390
39±20%
57.4(45.9)
2.2
CDRH127C/ANP-47ØM□
470
47±20%
64.7(51.7)
2.1
CDRH127C/ANP-56ØM□
560
56±20%
80.3(64.2)
1.9
CDRH127C/ANP-68ØM□
680
68±20%
88.2(70.5)
1.8
CDRH127C/ANP-82ØM□
820
82±20%
123.0(98.4)
1.55
CDRH127C/ANP-1Ø1M□
101
100±20%
139.4(111.5)
1.50
CDRH127C/ANP-121M□
121
120±20%
174.9(139.9)
1.35
CDRH127C/ANP-151M□
151
150±20%
200.6(160.5)
1.30
CDRH127C/ANP-181M□
181
180±20%
218.9(175.1)
1.25
CDRH127C/ANP-221M□
221
220±20%
315.3(252.2)
1.00
CDRH127C/ANP-271M□
271
270±20%
354.4(283.5)
0.95
CDRH127C/ANP-331M□
331
330±20%
501.5(401.2)
0.80
CDRH127C/ANP-391M□
391
390±20%
554.4(443.5)
0.75
CDRH127C/ANP-471M□
471
470±20%
620.1(496.1)
0.70
*
Description of Part Name
CDRH127C/ANP-1ØØM□
※
1 Rated current: The DC current at which the inductance decreases to 65% of it's nominal value
or when △t=30℃, whichever is lower.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com