Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF410A Datasheet(PDF) 3 Page - STMicroelectronics

Part # BUF410A
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUF410A Datasheet(HTML) 3 Page - STMicroelectronics

  BUF410A Datasheet HTML 1Page - STMicroelectronics BUF410A Datasheet HTML 2Page - STMicroelectronics BUF410A Datasheet HTML 3Page - STMicroelectronics BUF410A Datasheet HTML 4Page - STMicroelectronics BUF410A Datasheet HTML 5Page - STMicroelectronics BUF410A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbo l
Parameter
T est Con ditio ns
Min .
T yp.
Max.
Uni t
ts
tf
tc
Storage Time
Fall Time
Cross Over T ime
IC =5 A
VCC =50 V
VBB =0
RBB =0.3
Ω
Vclamp = 400 V
IB1 =0.5 A
L= 0.5mH
Tj =100
oC
3
0.15
0.25
µs
µs
µs
VCEW
Maximum Collector
Emitter Volt age
wit hout Snubber
IC = 5 A
VCC =50 V
VBB =0
RBB =0.3
Ω
Vclamp = 400 V
IB1 =0.5 A
L= 0.5mH
Tj =125
oC
500
V
ts
tf
tc
Storage Time
Fall Time
Cross Over T ime
IC =10 A
VCC =50 V
VBB =-5 V
RBB =1.2
Ω
Vclamp = 400 V
IB1 =2 A
L = 0.25 mH
1. 9
0.06
0.12
µs
µs
µs
ts
tf
tc
Storage Time
Fall Time
Cross Over T ime
IC =10 A
VCC =50 V
VBB =-5 V
RBB =1. 2
Ω
Vclamp = 400 V
IB1 =2 A
L = 0.25 mH
Tj =100
oC
3.2
0.12
0.3
µs
µs
µs
VCEW
Maximum Collector
Emitter Volt age
wit hout Snubber
ICW off = 15 A
VCC =50 V
VBB =-5 V
RBB =1.2
Ω
L = 0.17 mH
IB1 =3 A
Tj =125
oC
400
V
Turn-on Switching Test Circuit
Turn-off Switching Test Circuit
Turn-on SwitchingTest Waveforms.
BUF410A
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com