Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1816079 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1816079
Description  PLD E 708-CA-MS/1,6/FS AM - Connecting cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1816079 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1816079 Datasheet HTML 1Page - PHOENIX CONTACT 1816079 Datasheet HTML 2Page - PHOENIX CONTACT 1816079 Datasheet HTML 3Page - PHOENIX CONTACT 1816079 Datasheet HTML 4Page - PHOENIX CONTACT 1816079 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Power cable
Application
Enclosure lights
Number of positions
3
No. of cable outlets
1
Shielded
no
Material specifications
Color (Male connector)
white (RAL 9010)
Color (Cable)
orange (RAL 2003)
Outer sheath, material
PVC
Conductor material
Bare Cu litz wires
Electrical properties
Nominal voltage UN
250 V AC
Nominal current IN
16 A
Mechanical properties
Mechanical data
Insertion/withdrawal cycles
100
Connector
Connection 1
Head design
Plug
Head cable outlet
straight
Connection 2
Head design
Socket
Head cable outlet
straight
Cable/line
Cable length
1.6 m
Cable type
H05VV-F3G
External cable diameter
8.00 mm
Outer sheath, material
PVC
External sheath, color
orange RAL 2004
Wire diameter incl. insulation
2.9 mm
Conductor material
Bare Cu litz wires
AWG signal line
16
Material wire insulation
PVC TI2
Smallest bending radius, fixed installation
40 mm
PLD E 708-CA-MS/1,6/FS AM - Connecting cable
1816079
https://www.phoenixcontact.com/us/products/1816079
Sep 10, 2025, 8:19AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com