Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 705
Description  INSTRUMENTATION CASES & KNOBS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

705 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  705 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PHENOLIC INSTRUMENT CASES
• Aluminum or Phenolic
Panels Available
• Choice of Sizes • Sturdy construction • Flush mounting panels
MATERIALS:
Phenolic Cases: .125 (3.2) Wall thickness,
Molded Glossy Black Phenolic, MIL-M-14, CFG
PHENOLIC CASE
THREAD
CAT. NO.
A
B
C
SIZE AND TYPE
715
2.500 (63.5)
3.500 (88.9)
1.250 (31.8)
4-40 TAPPED
703
2.875 (73.0)
4.000 (101.6)
1.562 (39.7)
4-40 TAPPED
705
2.875 (73.0)
4.000 (101.6)
1.562 (39.7)
USE #4 SELF TAPPING SCREW
704
3.125 (79.4)
5.875 (149.2)
2.250 (57.2)
4-40 TAPPED
700
3.750 (95.3)
6.250 (158.8)
2.000 (50.8)
6-32 BRASS INSERT
716
4.250 (108.0)
5.000 (127.0)
1.750 (44.5)
6-32 BRASS INSERT
701
5.250 (133.4)
6.812 (173.0)
2.312 (58.7)
6-32 BRASS INSERT
702
7.375 (187.3)
8.375 (212.7)
3.000 (76.2)
6-32 BRASS INSERT
*.093 (2.36)
COVER PANEL
PHENOLIC ALUMINUM
PANEL
PANEL
CAT. NO.
CAT. NO.
2050
2051
2042
2044
2042
2044
2043
2045
2037*
2046
2052*
2053
2038*
2047
2039*
2048
A
B
C
MATERIALS:
Phenolic Panels: .062 (1.57) Glossy Black
Phenolic, MIL-P3115C
Aluminum Panels: .062 (1.57), 5052-H34
per QQ 318 C; Bright finished surface with
pressure sensitive protective covering tape
• Cases and panels are sold separately
• Covers available in Phenolic or Aluminum
• Covers can be machined to accept dials,
switches, displays
• Panel mounting screws available -
Refer to page 133
• Sturdy case can be machined for wiring access
• Ideal for prototype or lab use
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
85
INSTRUMENTATION KNOBS
SHAFT
ATTACHMENT DETAILS
NUT CLEARANCE
CAT.
SHAFT
D
H
M
L
B
I.D.
C (C’BORE
NO.
(DIA.)
(DIA.)
(HEIGHT)
(MAX.)
(LOCATION)
(DEPTH)
(DIA.)
DEPTH)
8554
.125 (3.2)
.500 (12.7)
.660 (16.8)
—
.320 (8.1)
.570 (14.5)
.360 (9.1)
.170 (4.3)
8555
.250 (6.4)
.700 (17.8)
.780 (19.8)
—
.360 (9.1)
.680 (17.3)
.500 (12.7)
.180 (4.6)
8556
.250 (6.4)
.920 (23.4) 1.010 (25.7)
—
.460 (11.7)
.910 (23.1)
.640 (16.3)
.330 (8.4)
8557
.250 (6.4)
1.250 (31.8)
.828 (21.0)
—
.400 (10.2)
.700 (17.8)
1.010 (25.7)
.250 (6.4)
8558
.125 (3.2)
.500 (12.7)
.660 (16.8)
.915 (23.4)
.320 (8.1)
.570 (14.5)
.360 (9.1)
.170 (4.3)
8559
.250 (6.4)
.700 (17.8)
.780 (19.8)
1.150 (29.2)
.357 (9.1)
.660 (16.7)
.480 (12.2)
.180 (4.6)
8560
.250 (6.4)
.920 (23.4) 1.010 (25.7)
1.520 (38.6)
.500 (12.7)
.910 (23.1)
.640 (16.3)
.240 (6.1)
8561
.250 (6.4)
1.250 (31.8)
.920 (23.4)
1.860 (47.2)
.470 (11.9)
.800 (20.3)
.780 (19.8)
.350 (8.9)
8567
.125 (3.2)
.500 (12.7)
.500 (12.7)
.610 (15.5)
.160 (4.0)
.405 (10.3)
.410 (10.4)
.030 (0.8)
8568
.250 (6.4)
.700 (17.8)
.625 (15.9)
.820 (20.8)
.210 (5.3)
.480 (12.2)
.468 (11.9)
.030 (0.8)
8569
.250 (6.4)
.920 (23.4)
.780 (19.8)
1.090 (27.7)
.240 (6.1)
.660 (16.8)
.640 (16.3)
.100 (2.5)
8565
.250 (6.4)
700 (17.8)
.630 (16.0)
1.187 (30.2)
.210 (5.3)
.510 (13.0)
.570 (14.5)
.030 (0.8)
8566
.250 (6.4)
.920 (23.4)
.640 (16.3)
1.510 (38.6)
.260 (6.6)
.540 (13.7)
.730 (18.5)
.120 (3.1)
L
B
I.D.
D
C
H
SPECIFICATIONS
Knob: ABS
Inlay: Spun Aluminum
Insert: Brass, Nickel Plate
• All knobs supplied with two set screws installed
L
B
I.D.
D
M
C
H
L
B
I.D.
D
M
C
H
L
B
I.D.
D
M
C
H
M60Section5FREV2-color 4/4/13 5:14PM Page85


Similar Part No. - 705

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
705 ZETEX-705 Datasheet
141Kb / 5P
120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
List of Unclassifed Man...
705 ETC2-705 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
Apex Electronics Co., L...
705 APEX-ELECTRONICS-705 Datasheet
506Kb / 3P
Toggle switches
logo
Greenlee Communications
705 GREENLEE-705 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
Adafruit Industries
705 ADAFRUIT-705 Datasheet
217Kb / 2P
Mini 3-wire Volt Meter (0 - 99.9VDC)
More results

Similar Description - 705

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
45KN021-GRX ETC2-45KN021-GRX Datasheet
88Kb / 1P
Knobs
G753 ETC2-G753 Datasheet
132Kb / 1P
Desktop Cases
45KN013-GRX ETC1-45KN013-GRX Datasheet
79Kb / 1P
Knobs
45KN021-GRX ETC1-45KN021-GRX_09 Datasheet
117Kb / 1P
Knobs
450-0125 ETC2-450-0125 Datasheet
131Kb / 1P
Knobs
450-6003 ETC2-450-6003 Datasheet
125Kb / 2P
Knobs
450-BA160 ETC2-450-BA160 Datasheet
79Kb / 1P
Knobs
450-KB100 ETC2-450-KB100 Datasheet
146Kb / 1P
Knobs
450-KLN510 ETC2-450-KLN510 Datasheet
72Kb / 1P
Knobs
450-MAS51 ETC2-450-MAS51 Datasheet
72Kb / 1P
Knobs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com