Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF420 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUF420
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUF420 Datasheet(HTML) 1 Page - STMicroelectronics

  BUF420 Datasheet HTML 1Page - STMicroelectronics BUF420 Datasheet HTML 2Page - STMicroelectronics BUF420 Datasheet HTML 3Page - STMicroelectronics BUF420 Datasheet HTML 4Page - STMicroelectronics BUF420 Datasheet HTML 5Page - STMicroelectronics BUF420 Datasheet HTML 6Page - STMicroelectronics BUF420 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BUF420
BUF420M
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPES
s
NPN TRANSISTOR
s
HIGH VOLTAGE CAPABILITY
s
VERY HIGH SWITCHING SPEED
s
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
s
LOW BASE-DRIVE REQUIREMENTS
APPLICATIONS:
s
SWITCH MODE POWER SUPPLIES
s
MOTOR CONTROL
DESCRIPTION
The BUF420 and BUF420M are manufactured
using
High
Voltage
Multi
Epitaxial
Planar
technology for high switching speeds and high
voltage capacity. They use a Cellular Emitter
structure with planar edge termination to enhance
switching speeds while maintaining a
wide
RBSOA.
The
BUF
series
is
designed for
use
in
high-frequency power supplies and motor control
applications.
INTERNAL SCHEMATIC DIAGRAM
July 1997
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Valu e
Un it
VCEV
Collect or-Emitter Volt age (VBE = -1.5 V)
850
V
VCEO
Collect or-Emitter Volt age (IB = 0)
450
V
VEBO
Emitter-Base Volt age (IC =0)
7
V
IC
Collect or Current
30
A
ICM
Collect or Peak Current (tp <5 ms)
60
A
IB
Base Current
6
A
IBM
Base Peak Current (tp <5 ms)
9
A
T O-218
TO -3
Ptot
T otal Dissipation at Tc =25
oC
200
200
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max O perat ion Junction Temperat ure
150
oC
1
2
3
TO-218
TO-3
(version ”R”)
1
2
For TO-3 :
C = Tab
E = Pin2.
1/7


Similar Part No. - BUF420

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUF420 ISC-BUF420 Datasheet
206Kb / 2P
High Voltage
logo
List of Unclassifed Man...
BUF420 ETC2-BUF420 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
STMicroelectronics
BUF420A STMICROELECTRONICS-BUF420A Datasheet
57Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2000
logo
Inchange Semiconductor ...
BUF420A ISC-BUF420A Datasheet
206Kb / 2P
High Voltage
logo
STMicroelectronics
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
More results

Similar Description - BUF420

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com