Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R4538B Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-R4538B
Description  GaAsP /GaP hi-eff red Low power consumption.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-R4538B Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-R4538B Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-R4538B Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--R
R4
45
53
38
8B
B
Ver.1.0 Page: 1 of 2
SINCE 1981
● Package dimensions:
4.0(.157)
7.9(.311)
25.4(1.00) MIN.
1.1(.043)
1.0(.039)MIN.
1.5(.059) MAX.
2.54(.100)NOM.
5.4(.213)
2.0(.079)
0.5(.020) SQ.TYP.
5.4(.213)
1.9(.075)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
1. Chip material: GaAsP /GaP
2. Emitted color :hi-eff red
3. Lens Appearance : red diffused
4. Low power consumption.
5. Most suitable for use like level indicator.
6. Excellent uniformity of light emittance.
7. Long life solid state reliability.
8 This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
80
mW
Forward Current
IF
30
mA
Peak Forward Current*1
IFP
150
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40℃~80℃
Storage Temperature
Tstg
-40℃~85℃
Soldering Temperature
Tsol
260℃(for 5 seconds)
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.
1.1


Similar Part No. - BL-R4538B

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R4538B YSTONE-BL-R4538B Datasheet
372Kb / 2P
STANDARD LED LAMPS (RECTANGULAR TYPES)
More results

Similar Description - BL-R4538B

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-R4121F BRIGHT-BL-R4121F Datasheet
128Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-R4137 BRIGHT-BL-R4137 Datasheet
128Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-R4530 BRIGHT-BL-R4530 Datasheet
129Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-R4530N BRIGHT-BL-R4530N Datasheet
129Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-R4532J BRIGHT-BL-R4532J Datasheet
129Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-R4532R BRIGHT-BL-R4532R Datasheet
142Kb / 2P
GaAsP/Gap Hi-Eff Red Low power consumption.
BL-S45L8 BRIGHT-BL-S45L8 Datasheet
128Kb / 2P
GaAsP/GaP hi-eff red Low power consumption.
BL-S4532 BRIGHT-BL-S4532 Datasheet
131Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-S4536 BRIGHT-BL-S4536 Datasheet
120Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-S4549 BRIGHT-BL-S4549 Datasheet
128Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com