Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R4539A Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-R4539A
Description  GaAsP/GaP Hi-Eff Red Low power consumption.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-R4539A Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-R4539A Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-R4539A Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--R
R4
45
53
39
9A
A
Ver.1.0 Page: 1 of 2
SINCE 1981
6.8(.268)
2.54(.10)
NOM.
1.0(.039) MIN.
1.5(.059)
MAX.
25.4(1.00) MIN.
7.8(.307)
0.5(.020)
SQ.TYP.
6.9(.272)
2.3(.091)
2.4(.094)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
●
Features:
●
Package dimensions:
1. Chip material: GaAsP/GaP
2. Emitted color : Hi-Eff Red
3. Lens Appearance : Red Diffused
4. Low power consumption.
5. Most suitable for use like level indicator.
6. Excellent uniformity of light emittance.
7. Long life solid state reliability.
8. Compatible.
9. This product don’t contained restriction
substance, compliance ROHS standard.
●
Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
●
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
80
mW
Forward Current
IF
30
mA
Peak Forward Current*1
IFP
150
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40℃~80℃
Storage Temperature
Tstg
-40℃~85℃
Soldering Temperature
Tsol
260℃(for 5 seconds)
*
1Condition for I
FP is pulse of 1/10 duty and 0.1msec width.


Similar Part No. - BL-R4539A

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R4539A YSTONE-BL-R4539A Datasheet
372Kb / 2P
STANDARD LED LAMPS (RECTANGULAR TYPES)
More results

Similar Description - BL-R4539A

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-R4121F BRIGHT-BL-R4121F Datasheet
128Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-R4137 BRIGHT-BL-R4137 Datasheet
128Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-R4530 BRIGHT-BL-R4530 Datasheet
129Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-R4530N BRIGHT-BL-R4530N Datasheet
129Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-R4532J BRIGHT-BL-R4532J Datasheet
129Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-R4532R BRIGHT-BL-R4532R Datasheet
142Kb / 2P
GaAsP/Gap Hi-Eff Red Low power consumption.
BL-S45L8 BRIGHT-BL-S45L8 Datasheet
128Kb / 2P
GaAsP/GaP hi-eff red Low power consumption.
BL-S4532 BRIGHT-BL-S4532 Datasheet
131Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-S4536 BRIGHT-BL-S4536 Datasheet
120Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-S4549 BRIGHT-BL-S4549 Datasheet
128Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com