Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP2950
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2950 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2950_08 Datasheet HTML 9Page - Texas Instruments LP2950_08 Datasheet HTML 10Page - Texas Instruments LP2950_08 Datasheet HTML 11Page - Texas Instruments LP2950_08 Datasheet HTML 12Page - Texas Instruments LP2950_08 Datasheet HTML 13Page - Texas Instruments LP2950_08 Datasheet HTML 14Page - Texas Instruments LP2950_08 Datasheet HTML 15Page - Texas Instruments LP2950_08 Datasheet HTML 16Page - Texas Instruments LP2950_08 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.ti.com
10
20
30
40
50
60
70
80
90
100
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
f – Frequency – Hz
IL = 10 mA
IL = 1 mA
VIN = 6 V
CL = 1 µF
10
100
1k
10k
100k
1M
10
20
30
40
50
60
70
80
90
100
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
f – Frequency – Hz
IL = 100 mA
IL = 50 mA
VIN = 6 V
CL = 1 µF
10
100
1k
10k
100k
1M
0
50
100
150
200
250
300
350
400
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
0
1
2
3
4
5
6
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
f – Frequency – Hz
CL = 1 µF
CL = 3.3 µF
CL = 200 µF
10
100
1k
10k
100k
LP2950
,, LP2951
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
WITH SHUTDOWN
SLVS582D – APRIL 2006 – REVISED MARCH 2007
TYPICAL CHARACTERISTICS (continued)
RIPPLE REJECTION
RIPPLE REJECTION
vs
vs
FREQUENCY
FREQUENCY
LP2951 OUTPUT NOISE
LP2951 DIVIDER RESISTANCE
vs
vs
FREQUENCY
TEMPERATURE
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com