Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP82 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CLP82
Description  DC COMMON MODE CHOKE COIL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLP82 Datasheet(HTML) 2 Page - Sumida Corporation

  CLP82 Datasheet HTML 1Page - Sumida Corporation CLP82 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC COMMON MODE CHOKE COIL <SMD Type: CLP Series>
Type: CLP82
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification
Between (1-3), (4-6), (7-9), (10-12)
Measuring Conditions
1
.Sine Wave Inductance
400µH(REF.)
100kHz, 20mVrms
2
. Interwinding Capacity
MAX.10.0pF
100kHz, 20mVrms
3
.Leakage Inductance
MAX.2.5µH
100kHz, 20mVrms
4.D.C.R.
MAX.0.7Ω
at 20℃
5
.Hi-Pot
AC 1500Vrms for 1 minute
50Hz or 60Hz
※
LEAKAGE INDUCTANCE MEASURING
(10-12) to be short connected when the leakage inductance(1-3) is measured.
(7-9) to be short connected when the leakage inductance(4-6) is measured.
(4-6) to be short connected when the leakage inductance(7-9) is measured.
(1-3) to be short connected when the leakage inductance(10-12) is measured.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com