Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M01-HRMN6TP Datasheet(PDF) 29 Page - STMicroelectronics

Part # M24M01-HRMN6TP
Description  1 Mbit serial I짼C bus EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-HRMN6TP Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M24M01-HRMN6TP Datasheet HTML 22Page - STMicroelectronics M24M01-HRMN6TP Datasheet HTML 23Page - STMicroelectronics M24M01-HRMN6TP Datasheet HTML 24Page - STMicroelectronics M24M01-HRMN6TP Datasheet HTML 25Page - STMicroelectronics M24M01-HRMN6TP Datasheet HTML 26Page - STMicroelectronics M24M01-HRMN6TP Datasheet HTML 27Page - STMicroelectronics M24M01-HRMN6TP Datasheet HTML 28Page - STMicroelectronics M24M01-HRMN6TP Datasheet HTML 29Page - STMicroelectronics M24M01-HRMN6TP Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
M24M01-R
Revision history
29/30
9
Revision history
Table 16.
Document revision history
Date
Revision
Changes
07-Dec-2006
1
Initial release.
02-Oct-2007
2
Document status promoted from Preliminary Data to full Datasheet.
Section 2.6: Supply voltage (VCC) updated.
Note 1 updated to latest standard revision below Table 6: Absolute
maximum ratings.
VIL, VIH modified and, rise/fall time corrected in Test conditions in
Table 10: DC characteristics.
Package values in inches calculated from mm and rounded to 4
decimal digits (note added below package mechanical data tables in
Section 7: Package mechanical.
26-Nov-2007
3
1 MHz maximum clock frequency added:
– Figure 5: Maximum Rbus value versus bus parasitic capacitance
(Cbus) for an I2C bus at maximum frequency fC = 1MHz
– Table 12: AC characteristics at 1 MHz (preliminary data) added.
tNS moved from Table 9: Input parameters to Table 11: AC
characteristics at 400 kHz. Note removed below Table 9. In Table 11,
tCH1CH2, tCL1CL2 and tDL1DL2 removed, tXH1XH2, tXL1XL2 added,
tDL1DL2 max modified, notes modified.
Figure 4: Maximum Rbus value versus bus parasitic capacitance
(Cbus) for an I2C bus at maximum frequency fC = 400 kHz modified.
Figure 12: AC waveforms modified. Small text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com