Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP135 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CLP135
Description  LAN Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLP135 Datasheet(HTML) 2 Page - Sumida Corporation

  CLP135 Datasheet HTML 1Page - Sumida Corporation CLP135 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LAN Transformer< SMD Type: CLP Series>
Type: CLP135
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification(C25100)
Item
Specification
Condition
Inductance
350 μH MIN
100kHz, 100mV, 8mA DC Bias
Turn ratio
1:1±2%
Insertion loss
-1.1 dB MIN.
1 MHz~100MHz
-18dB MAX.
1MHz~30MHz
-18dB MAX.
40MHz
-16dB MAX.
50MHz
-12dB MAX.
60 MHz~80MHz
Return loss
-10dB MAX.
100MHz
-43dB MAX.
30MHz
-37dB MAX.
60MHz
Common mode rejection
-33dB MAX.
100MHz
-45dB MAX.
30MHz
-40dB MAX.
60MHz
Crosstalk
-35dB MAX.
100MHz
Hipot
1500Vac(50/60Hz), 0.5mA, 2 Seconds



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com