Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT2HT Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # BT2HT
Description  BT2HT Hand Operated Installation Tool for Strapping
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

BT2HT Datasheet(HTML) 1 Page - PANDUIT CORP.

  BT2HT Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
PCS Cushion Sleeve
• Black neoprene sleeving used with Pan-Steel® Stainless Steel Ties,
custom length banding, and MS strap
• Used on applications requiring improved gripping on
non-resilient objects
• Can be used indoors or outdoors (excellent ultraviolet resistance,
good resistance to petroleum, and many chemicals)
• Isolation between dissimilar metals allows the ties and straps
to be used with aluminum cable tray
• Provides full separation between the ties and the bundle
• Operating temperature range -40°F (-40°C) to 200°F (93°C)
*Meets MIL-R-6855
‡Order in number of reels required.
Pkg. –CR = 100 ft. (30.5m) reel.
Part Number
Used with
Pan-Steel®
Ties/Strapping
Width
Length
Std.
Pkg.
Qty‡
In.
mm
Ft.
m
PCSS-B-CR
MLT/S
.33
8.4
100
30.5
1
PCSH-B-CR
MLT/LH/H
.47
11.9
100
30.5
1
PCSSH-B-CR*
MLT/EH/SH
and MS Straps
.91
23.1
100
30.5
1
BT2HT Hand Operated Installation Tool for Strapping
• Strap side entry
• Multi-position rear handle provides flexibility for a one or two
hand installation
• Adjustable tension control
• Easy removal of excess strap
• Installs (3) sizes: 0.38 inch (9.5mm), 0.50 inch (12.7mm), and
0.63 inch (15.9mm)
• Replacement cutter blade and handle available
BT75SDT Hand Operated Installation Tool for MS75 Strapping
• Screw drive tension mechanism provides high tension with minimal
effort, reducing operator fatigue
• Heavy duty construction offers a longer service life
• Strapping side entry allows quick side entry of the strap into tool
to speed installation
Part Number
Part Description
Std.
Pkg.
Qty.
BT75SDT
Installation tool for use with 0.75" (19.1mm) width strapping only. Tensions
and cuts strapping. Screwdriver required for buckle closure (not included).
1
Part Number
Part Description
Std.
Pkg.
Qty.
BT2HT
Installation tool for use with 0.38" (9.5mm), 0.50" (12.7mm), and
0.63" (15.9mm) widths of Panduit ® Pan-Steel ® Strapping.
Tensions, cuts strapping, and secures the buckle tab. Lever cut off.
1
KRT2BLD
Replacement cutter blade for RT2HT and BT2HT.
1
KRT2HNDL
Replacement Cutter Handle for RT2HT and BT2HT
1


Similar Part No. - BT2HT

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
BT2H-2M4 COPAL-BT2H-2M4 Datasheet
242Kb / 3P
Miniature Toggle Switch
More results

Similar Description - BT2HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2940231-01 ETC1-2940231-01 Datasheet
4Mb / 6P
Installation Hand Tools
logo
Winchester Electronics ...
KTW-13 WINCHESTER-KTW-13 Datasheet
28Kb / 1P
INSTALLATION EXTRACTION TOOL
logo
Molex Electronics Ltd.
63819-0100 MOLEX11-63819-0100 Datasheet
45Kb / 1P
Hand Crimp Tool for Crimp Terminals
63825-0700 MOLEX11-63825-0700 Datasheet
39Kb / 1P
Hand Tool
0638236900 MOLEX11-0638236900 Datasheet
30Kb / 1P
Hand Crimp Tool for Terminals
63811-6500 MOLEX-63811-6500 Datasheet
303Kb / 6P
Hand Crimp Tool for SPOX??Terminals
03-29-08
200218-9600 MOLEX-200218-9600 Datasheet
1Mb / 8P
Hand Crimp Tool for L1NK300 Terminal
04-01-20
0638253100 MOLEX-0638253100 Datasheet
33Kb / 1P
Hand Crimp Tool for Crimp Terminals
11/02/2021
0570056000 MOLEX-0570056000 Datasheet
31Kb / 1P
Hand Insertion Tool/Hand Extraction Tool
08/26/2022
0638250700 MOLEX-0638250700 Datasheet
31Kb / 1P
Hand Tool
08/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com