Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL40A Datasheet(PDF) 2 Page - SICK AG

Part # PL40A
Description  Reflectors and optics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PL40A Datasheet(HTML) 2 Page - SICK AG

  PL40A Datasheet HTML 1Page - SICK AG PL40A Datasheet HTML 2Page - SICK AG PL40A Datasheet HTML 3Page - SICK AG PL40A Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PL40A | Reflectors and optics
ACCESSORIES
Ordering information
Type
Part no.
PL40A
1012720
Other models and accessories
www.sick.com/Reflectors_and_optics
Detailed technical data
Technical specifications
Accessory group
Reflectors
Accessory family
Angular
Description
Rectangular, screw connection
Mounting system type
Screw-on, 2 hole mounting
Ambient operating temperature
–20 °C ... +65 °C
Reflective area
37 mm x 56 mm
Material
PMMA/ABS
Classifications
ECl@ss 5.0
27279203
ECl@ss 5.1.4
27279203
ECl@ss 6.0
27279203
ECl@ss 6.2
27279203
ECl@ss 7.0
27279203
ECl@ss 8.0
27279203
ECl@ss 8.1
27279203
ECl@ss 9.0
27273601
ETIM 5.0
EC002467
ETIM 6.0
EC002467
UNSPSC 16.0901
39111827
2
ACCESSORIES | SICK
Online data sheet | 2017-05-12 23:13:09
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com