Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS-DAQ Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # HFS-DAQ
Description  HFS DAQ
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

HFS-DAQ Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  HFS-DAQ Datasheet HTML 1Page - Omega Engineering, Inc. HFS-DAQ Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
HFS DAQ System Description
The HFS DAQ is a low-cost data acquisition system that is designed and packaged together to
accurately measure the small analog DC voltage signals that are outputted from HFS heat flux sensors
and their integrated thermocouples. The HFS DAQ enables precise measurement resolution at a
fraction of the cost to other currently available systems.
Key System Features
- 8 differential input channels for
simultaneous measurements of both heat
flux and temperature from 4 HFS sensors.
- Free software for computer-based user
interface and data recording through a USB
cable connection.
- Automatic zeroing of current bias error for
increased accuracy, especially while using
high impendence sensors.
HFS DAQ System Specifications
Input Voltage Resolution
< 1 µV
Number of Input Channels
8 differential
Cold Junction Compensation
Yes, provided by on-board thermistor
CJC Thermistor Accuracy
2 °C absolute accuracy
Input Voltage Range
+/- 2.048 Volts
Analog-to-Digital Converter Type
24-bit Delta-Sigma
Output Voltage Noise
0.85 µVRMS
Computer Interface Type
USB cable
Overall Package Dimensions*
4.8” x 4.1” x 3.4” (9.6 x 10.4 x 8.7 cm)
Maximum Sampling Rate**
Approximately 3 Hz
Standard Thermocouple Type
Type-T
*Dimensions are specified for our largest HFS DAQ system that includes all the additional features. The height dimension of lower functionality
versions may be smaller than specified.
**Dependent on the number of channels/sensors that measurements are being taken from simultaneously.
HFS DAQ Software Description
The simple, user interface allows for easy control of the software features. While the HFS DAQ is
connected to a computer using a USB cable interface, the heat flux and temperature sensor
measurement signals can be viewed and recorded simultaneously using our free software. The setup
window and real-time plots of the measurement signals are shown.
HFS DAQ
Datasheet


Similar Part No. - HFS-DAQ

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HFS032G34MNB-2200A HYNIX-HFS032G34MNB-2200A Datasheet
87Kb / 5P
NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
HFS032G3AMNB-2200A HYNIX-HFS032G3AMNB-2200A Datasheet
87Kb / 5P
NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
HFS060G32MNB-2000A HYNIX-HFS060G32MNB-2000A Datasheet
87Kb / 5P
NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
HFS064G32MNB-2200A HYNIX-HFS064G32MNB-2200A Datasheet
87Kb / 5P
NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
HFS064G3AMNB-2200A HYNIX-HFS064G3AMNB-2200A Datasheet
87Kb / 5P
NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
More results

Similar Description - HFS-DAQ

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
USB-9221 NI-USB-9221 Datasheet
179Kb / 2P
Portable USB-Based DAQ for High Voltages
USB-9201 NI-USB-9201 Datasheet
179Kb / 2P
Portable USB-Based DAQ for Analog Signals
DAQPAD-6015 NI-DAQPAD-6015 Datasheet
150Kb / 3P
Portable High-Performance Multifunction DAQ for USB
USB-9211A NI-USB-9211A Datasheet
97Kb / 2P
Portable USB-Based DAQ for Thermocouples
USB-9215A NI-USB-9215A Datasheet
97Kb / 2P
Portable USB-Based DAQ with Simultaneous Sampling
logo
List of Unclassifed Man...
ACL-8316 ETC2-ACL-8316 Datasheet
349Kb / 1P
ISA DAQ/DIO Cards
logo
Contec Co., Ltd
AIO-120802LN-USB CONTEC-AIO-120802LN-USB Datasheet
694Kb / 5P
N Series for USB Multifunction DAQ Unit
AIO-121602LN-USB CONTEC-AIO-121602LN-USB Datasheet
644Kb / 5P
N Series for USB Multifunction DAQ Unit
logo
List of Unclassifed Man...
USB-1608G ETC-USB-1608G Datasheet
1Mb / 6P
16-Bit High-Speed Multifunction DAQ Devices
April 2018. Rev 9
logo
National Instruments Co...
780055-01 NI-780055-01 Datasheet
3Mb / 32P
DAQ DEVICE MULTIFUNC I/O USB 2.0
2022.10.07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com