Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL-300-RSC-U-2 Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # CL-300-RSC-U-2
Description  Thermocouple Simulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

CL-300-RSC-U-2 Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  CL-300-RSC-U-2 Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
K-1
K
Thermocouple Simulator
CL540ZA
U
Source 14 Thermocouple Types
U
Easy-to-Read Backlight Display
U
Easily Change Thermocouple Types and Scale
U
Calibrate Directly in Temperature (ºC or ºF)
U
Compatible with All Process Instruments
With the CL540ZA you can check and calibrate
all your thermocouple instruments. Connect via a
miniature thermocouple connector on the top end
of the source. Use your own thermocouple wire
connectors or order one of the cable accessories for
easy operation out of the box.
Easy to operate even in the dark areas of the plant
with the backlit display. Stop carrying around a millivolt
source and thermocouple tables. The CL540ZA works
with the thermocouples you use including Types J, K,
T, E, R, S, B, N, G, C, D, L (J-DIN), U (T-DIN) and
P (Platinel II). Easily set any value quickly to within
0.1° with the adjustable digital potentiometer “DIAL”
plus store any three temperatures for instant recall
with the selector switch. You can also calibrate from
-13.000 to +80.000 mV.
Connect directly to the thermocouple inputs of smart
transmitters, PLCs, controllers and multichannel
recorders and verify their outputs or displays.
Standard
To Order Visit omega.com.cl540za for Pricing and Details
Model No.
Description
CL540ZA
Thermocouple simulator
Comes complete with NIST certificate, one red and black lead set
with retractable shield banana plugs with alligator clips, 4 “AA”
alkaline batteries, and operator’s manual.
* For CL-300-CABLE, insert one thermocouple Type: J, K, T, E,
R/S, B, N, C; CL-300-RSC: J, K, T, E, or U
Ordering Example: CL540ZA, thermocouple simulator with NIST
certificate.
OCW-2 OMEGACARESM extends standard 3-year
warranty to a total of 5 years.
Model No.
Description
SC-530
Soft carrying case
020-0209
Rubber boot
CL-300-CABLE-(*)-2
0.6 m (2') thermocouple cable,
SMP male to spade lugs
CL-300-CABLE-(*)-10
3 m (10') thermocouple cable,
SMP male to spade lugs
CL-300-RSC-(*)-2
Retractable cable 0.6 m (2')
Accessories
SPECIFICATIONS
Accuracy: ±(0.015% of reading + 0.006 mV)
Cold Junction Compensation: ±0.25°C (±0.45°F)
Operating Temperature Range: -25 to 60°C (-10 to 140°F)
Millivolt Range: -13.000 to 80.000 mV
Relative Humidity Range: 10% ≤ RH ≤ 90% 0 to 35°C
(32 to 95ºF), non-condensing. 10% ≤ RH ≤ 70% 35 to 60°C
(95 to 140ºF), non-condensing
Dimensions: 126 L x 69 W x 45 mm D (4.96 x 2.73 x 1.79")
With Boot: 144 L x 78 W x 52 mm D (5.67 x 3.06 x 2.05")
Weight: 238 g (8.4 oz) (including batteries)
With Boot: 311.8 g (11 oz) (including batteries)
Batteries: Four “AA” Alkaline 1.5V (included)
Battery Life: 50 hours
Low Battery: Low battery indication with nominal 1 hour of
operation left
Protection Against Misconnection: Over-voltage
protection to 60 Vdc (rated for 30 seconds)
Display: High contrast graphic liquid crystal display.
LED backlighting for use in low lit areas
Source
Output Impedance: < 0.3 Ω
Source Current: > 20 mA (drives 80 mV into 10 Ω)
Noise: ≤ 4 microvolts p-p for frequencies of 10 Hz or below
Input
Input
Type
Range
Type
Range
315 to 1820°C
-240 to 1000°C
600 to 3308°F
-400 to 1832°F
-200 to 1200°C
-230 to 1371°C
-346 to 2192°F
-382 to 2500°F
-230 to 1300°C
-13 to 1768°C
-382 to 2372°F
-1 to 3214°F
-13 to 1768°C
-260 to 400°C
-1 to 3214°F
-436 to 752°F
-200 to 750°C
100 to 2320°C
-328 to 1382°F
212 to 4208°F
-1 to 2320°C
-1 to 2320°C
30 to 4208°F
30 to 4208°F
-200 to 600ºC
-218 to 1395ºC
-328 to 1112ºF
-360 to 2543ºF
(Unless otherwise indicated all specifications are rated from a
nominal 23°C, 70% RH)
U
CL540ZA.
Extended Warranty
Program
SM
OMEGACARESM extended warranty program is
available for models shown on this page. Ask your
sales representative for full details when placing
an order. OMEGACARESM covers parts, labor and
equivalent loaners.


Similar Part No. - CL-300-RSC-U-2

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
CL-30 AMPHENOL-CL-30 Datasheet
68Kb / 4P
UL Approval (UL 1434 File# E82830)
CL-30 AMPHENOL-CL-30 Datasheet
68Kb / 4P
NTC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-30 ETC-CL-30 Datasheet
439Kb / 4P
NTC Inrush Current Limiter
10/2022
logo
KODENSHI_AUK CORP.
CL-304L KODENSHI-CL-304L Datasheet
192Kb / 2P
Infrared Emitting Diodes(GaAlAs)
More results

Similar Description - CL-300-RSC-U-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DLS8100 ETC-DLS8100 Datasheet
146Kb / 4P
VDSL Wireline Simulator
logo
Motorola, Inc
M68ICS08MR MOTOROLA-M68ICS08MR Datasheet
1,003Kb / 100P
In-Circuit Simulator
logo
Renesas Technology Corp
R20UT2914EJ0100 RENESAS-R20UT2914EJ0100 Datasheet
102Kb / 11P
CubeSuite Simulator
logo
Keysight Technologies
W2309EP KEYSIGHT-W2309EP Datasheet
167Kb / 4P
Bus Simulator
W2317EP KEYSIGHT-W2317EP Datasheet
167Kb / 4P
Bus Simulator
logo
Festo Corporation.
8029523 FESTO-8029523 Datasheet
77Kb / 1P
Simulator
8029524 FESTO-8029524 Datasheet
78Kb / 1P
Simulator
560503 FESTO-560503 Datasheet
79Kb / 1P
Simulator
logo
Pepperl+Fuchs Inc.
IS01 PF-IS01 Datasheet
695Kb / 3P
Simulator
VAZ-PB-SIM PF-VAZ-PB-SIM Datasheet
169Kb / 2P
PROFIBUS master simulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com