Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBA Datasheet(PDF) 16 Page - APEM

Part # PBA
Description  Piezo switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBA Datasheet(HTML) 16 Page - APEM

Back Button PBA Datasheet HTML 8Page - APEM PBA Datasheet HTML 9Page - APEM PBA Datasheet HTML 10Page - APEM PBA Datasheet HTML 11Page - APEM PBA Datasheet HTML 12Page - APEM PBA Datasheet HTML 13Page - APEM PBA Datasheet HTML 14Page - APEM PBA Datasheet HTML 15Page - APEM PBA Datasheet HTML 16Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
B2-144
APEM
www.apem.com
B2
PBA series
ATEX approved piezo switches
Illuminated or non-illuminated
- Highest classifications
- Universal
Dia. 16 (.630) bushing - illuminated ring
Stainless steel 316L, blue LED
PBAR1AFB000A0BX
Dia. 19 (.748) bushing - illuminated ring
Stainless steel 316L, blue LED
PBAR9AFB000A0BX
Dia. 22 (866) bushing - non-illuminated
Stainless steel 316L
PBAR2AFB000MX
II 1 G D ; I M1
Ex ia IIC T4 Ga ; Ex ia I Ma
Ex ia IIIC T135°C Da IP66
FICHIER: CPBAATEX-P21
le 16/01/09
ECHELLE: 0.7
indice A
CPBAATEX1-A
CPBAATEX2-A
CPBAATEX3-A
3.00
(.118)
(.250 x .031)
6.35 x 0.8
6.35 x 0.8
(.250 x .031)
(.250 x .031)
6.35 x 0.8
AWG24
Ø22.00x1.00 SI
(.866DIAx1.00 IS)
AWG24
20.00
(.787)
(.197)
(.118)
(.768)
5.00
19.50
3.00
(.748DIAx1.00 IS)
Ø19.00x1.00 SI
Ø13.50
(.531DIA)
(.047)
1.20
1.20
(.047)
Ø13.50
(.531DIA)
(.177)
4.50
(.197)
5.00
AWG24
Ø16.00x1.00 SI
(.630DIAx1.00 IS)
(.787)
20.00
FICHIER: CPBAATEX-P21
le 16/01/09
ECHELLE: 0.7
indice A
CPBAATEX1-A
CPBAATEX2-A
CPBAATEX3-A
3.00
(.118)
(.250 x .031)
6.35 x 0.8
6.35 x 0.8
(.250 x .031)
(.250 x .031)
6.35 x 0.8
AWG24
Ø22.00x1.00 SI
(.866DIAx1.00 IS)
AWG24
20.00
(.787)
(.197)
(.118)
(.768)
5.00
19.50
3.00
(.748DIAx1.00 IS)
Ø19.00x1.00 SI
Ø13.50
(.531DIA)
(.047)
1.20
1.20
(.047)
Ø13.50
(.531DIA)
(.177)
4.50
(.197)
5.00
AWG24
Ø16.00x1.00 SI
(.630DIAx1.00 IS)
(.787)
20.00
FICHIER: CPBAATEX-P21
le 16/01/09
ECHELLE: 0.7
indice A
CPBAATEX1-A
CPBAATEX2-A
CPBAATEX3-A
3.00
(.118)
(.250 x .031)
6.35 x 0.8
6.35 x 0.8
(.250 x .031)
(.250 x .031)
6.35 x 0.8
AWG24
Ø22.00x1.00 SI
(.866DIAx1.00 IS)
AWG24
20.00
(.787)
(.197)
(.118)
(.768)
5.00
19.50
3.00
(.748DIAx1.00 IS)
Ø19.00x1.00 SI
Ø13.50
(.531DIA)
(.047)
1.20
1.20
(.047)
Ø13.50
(.531DIA)
(.177)
4.50
(.197)
5.00
AWG24
Ø16.00x1.00 SI
(.630DIAx1.00 IS)
(.787)
20.00
Usage : mines full of fire damp and potentially explosive atmospheres of
groups IIC,IIB et IIA in T4 temperature class and/or in the presence of combustible
dust (T135°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com