Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBAR9AF2000 Datasheet(PDF) 15 Page - APEM

Part # PBAR9AF2000
Description  Piezo switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBAR9AF2000 Datasheet(HTML) 15 Page - APEM

Back Button PBAR9AF2000 Datasheet HTML 8Page - APEM PBAR9AF2000 Datasheet HTML 9Page - APEM PBAR9AF2000 Datasheet HTML 10Page - APEM PBAR9AF2000 Datasheet HTML 11Page - APEM PBAR9AF2000 Datasheet HTML 12Page - APEM PBAR9AF2000 Datasheet HTML 13Page - APEM PBAR9AF2000 Datasheet HTML 14Page - APEM PBAR9AF2000 Datasheet HTML 15Page - APEM PBAR9AF2000 Datasheet HTML 16Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
APEM
www.apem.com
B2-143
B2
PBA series
ATEX approved piezo switches
Distinctive features - Specifications - Overview
K
Approved according to the ATEX 2014/34/EU directive
K
Sealed to IP66 (mounted on panel)
K
Easy to clean metal surface
K
Long life
K
Illuminated models
ELECTRICAL SPECIFICATIONS
• Rated voltage : 5V to 24 VAC/DC max.
• Rated current : 200mA max. at 6VAC/DC
50mA max. at 24VAC/DC
(power limited to 1,2W for user group II)
• Contact resistance (ON) : 10Ω max.
• Insulation resistance (OFF) : 5MΩ min.
• Make impulse time : depending on actuating force and speed
• LED : 5VDC, 10mA to 20mA depending on model
GENERAL SPECIFICATIONS
• Operating force : 2 to 6N
• Torque : 2,5 Nm max.
• Life expectancy : 50 million cycles
• Operating temperature : -40°C to +55°C
• EMC compatibility according to EN 61058-1
• In accordance with EN 60079-0:2009*, EN 60079-26:2007,
EN 60079-11:2012, EN 50303:2000
• Sealing : IP66 per IEC 60529 (switches mounted on panel)
* Changes to the latest standards EN 60079-0:2012 do not affect compliance
with the essential requirements.
MATERIALS
• Case : 316L stainless steel
• Terminals : multi-wire leads
0,22 mm2, length 300 mm (11.81)
PBA
•
A
F
B
X
000
•
••
SERIES
Terminals
F
Flying leads
Colours/materials
B
316L stainless steel
Type
M
One-piece bushing
(non-illuminated)
A
Illuminated ring
(Ø 16 and 19 mm)
L
Illuminated dot
(Ø 22 mm)
Ratings
000
200mA max. at
6VAC/DC - 50mA
max. at 24VAC/DC
Electrical function
A
NO (pulse)
Models
R1
Bushing Ø 16, flat
R2
Bushing Ø 22, flat
R9
Bushing Ø 19, flat
R5
Bushing Ø 16,with
finger location (non-
illuminated only)
R6
Bushing Ø 22, with
finger location
R2 and R6 not available with
illuminated ring.
LED colours
0B
Blue
0G
Green
0S
Red
0Y
Yellow
Approval
X
ATEX
Standard hardware supplied
: 1 hex nut
10-621 (19 mm ac. flats), 10-855-0
(22 mm ac. flats) or 10-856-0 (25 mm ac.
flats), 1 O-Ring and 1 ground connector
U5735, U5736 or U5737.
Packaging units
: 20 pieces
Instructions for use
:
see instruction notice NTPBA007.
000
Standard
002
1A 24VAC or DC (NO pulse only, function A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com