Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC3 Datasheet(PDF) 1 Page - Multicomp Pro

Part # AC3
Description  US 2 Pin AC Power Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

AC3 Datasheet(HTML) 1 Page - Multicomp Pro

  AC3 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
14/10/16
US 2 Pin AC Power Plug
Specifications:
Connector Type
: Standard Power Entry
Current Rating
: 15A
Connector Colour
: Black
Connector Body Material
: Thermoplastic Body
Voltage Rating VAC
: 150V
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
AC Power Plug, 15A, 150V, US
AC3
Diagram
Dimensions : Millimetres
Item
Designation
Material
1
Plastic Handle Bakelite
2
Pin
Cu
3
Screw
Fe
4
Nut
Fe


Similar Part No. - AC3

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
AC3-12-1410 ACIPOWER-AC3-12-1410 Datasheet
198Kb / 2P
CCFL INVERTER
AC3-12-1415 ACIPOWER-AC3-12-1415 Datasheet
198Kb / 2P
CCFL INVERTER
AC3-12-1462 ACIPOWER-AC3-12-1462 Datasheet
1Mb / 2P
CCFL INVERTER
AC3-12-1505 ACIPOWER-AC3-12-1505 Datasheet
212Kb / 2P
CCFL INVERTER
AC3-12-1506 ACIPOWER-AC3-12-1506 Datasheet
221Kb / 2P
CCFL INVERTER
More results

Similar Description - AC3

ManufacturerPart #DatasheetDescription
logo
Altech corporation
36.464 ALTECH-36.464 Datasheet
36Kb / 1P
US Pin Spacinga Screw-Cage Clamp Plug and Headers
logo
List of Unclassifed Man...
76000934 ETC2-76000934 Datasheet
41Kb / 1P
AC Power Supply - 5VDC. U.S. 2-pin to 2.5mm locking barrel plug. Compatibility
logo
Mean Well Enterprises C...
YP11 MEANWELL-YP11 Datasheet
104Kb / 1P
AC power cord with US 2 Pin plug and IEC320 C13 plug
YP12 MEANWELL-YP12 Datasheet
104Kb / 1P
AC power cord with US 3 Pin plug and IEC320?륝13 plug
YP13 MEANWELL-YP13 Datasheet
104Kb / 1P
AC power cord with JAP 2 Pin plug and IEC320 C7 plug
YP22 MEANWELL-YP22 Datasheet
103Kb / 1P
AC power cord with Euro 3 Pin plug and IEC320?륝13 plug
YP35 MEANWELL-YP35 Datasheet
104Kb / 1P
AC power cord with AUS 3 Pin plug and IEC320?륝13 plug
logo
Schurter Inc.
6010.5274 SCHURTER-6010.5274 Datasheet
275Kb / 3P
US Power Supply Cord with C7 Plug, Straight
6010.5278 SCHURTER-6010.5278 Datasheet
213Kb / 3P
US Power Supply Cord with C7 Plug, Straight
logo
ELATEC GmbH
PWA-EU3 ELATEC-PWA-EU3 Datasheet
340Kb / 3P
POWER SUPPLIES AC POWER WALL ADAPTERS EU/JP/UK/US
11/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com