Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317AT Datasheet(PDF) 2 Page - Multicomp Pro

Part # LM317AT
Description  Positive Voltage Regulator Adjustable 3 Terminal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

LM317AT Datasheet(HTML) 2 Page - Multicomp Pro

  LM317AT Datasheet HTML 1Page - Multicomp Pro LM317AT Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.0
29/07/24
Positive Voltage Regulator
Adjustable 3 Terminal
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Positive Voltage Regulator, 1.2 V to 37V, 1.5A, TO-220
LM317AT
Dimensions : Millimetres
Typical Application
Parameter Name
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Output Current
IO(max)
VI-Vo≤15V, PD≤PMAX
1
2.2
A
VI-Vo≤40V, PD≤PMAX Ta=25°C
0.3
RMS Noise,% of VOUT
eN
Ta=25°C,10Hz≤f≤10kHz
0.003
0.01
%/Vo
Ripple Rejection
RR
Vo=10V, f =120Hz without CADJ
60
dB
Vo=10V, f =120Hz ,CADJ=10uF
66
75
Long-Term Stability,TJ=THIGH
ST
Ta=25°C for end point
mesasurements,1000HR
0.3
1
%
Internal Block Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com