Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPP10 Datasheet(PDF) 1 Page - Multicomp Pro

Part # MPP10
Description  Thick Film Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MPP10 Datasheet(HTML) 1 Page - Multicomp Pro

  MPP10 Datasheet HTML 1Page - Multicomp Pro MPP10 Datasheet HTML 2Page - Multicomp Pro MPP10 Datasheet HTML 3Page - Multicomp Pro MPP10 Datasheet HTML 4Page - Multicomp Pro MPP10 Datasheet HTML 5Page - Multicomp Pro MPP10 Datasheet HTML 6Page - Multicomp Pro MPP10 Datasheet HTML 7Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page <1>
V1.0
28/07/23
Thick Film Chip Resistors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Scope: This specification for approval relates to Ultra - High Power Thick Film Chip Resistors
Ratings:
Type
MPP10
(2010)
MPP12
(2512)
MPP17
(2817)
MPP20
(4320)
MPP27
(4527)
Power Rating at 70°C
2W
3W
4W
5W
6W
Max. Working Voltage
200 V
250 V
250 V
300 V
300 V
Max. Overload Voltage
500 V
500 V
500 V
600 V
600 V
Dielectric Withstanding Voltage
500 V
500 V
500 V
600 V
600 V
Temperature Range
-55°C to +155°C
Ambient Temperature
70°C
Voltage rating:
Resistors shall have a rated direct-current (DC) continuous working voltage or an approximate sine-wave root-mean-square
(RMS) alternating-current (AC) continuous working voltage at commercialline frequency and waveform corresponding to the
power rating , as determined from the following formula :
RCWV = √P x R
Note : Max. Working Voltage or √P x R whichever is lesser
Max. Overload Voltage or 2.5 √P x R whichever is lesser
Where : RCWV = Rated DC or RMS AC continuous working voltage at commercial-line frequency and waveform (volt)
P = Power Rating (watt)
R = Nominal Resistance (ohm)
Nominal Resistance
Effective figures of nominal resistance shall be in accordance :
E-24 values – these are preferred and will have standard MOQ
E-96 values – are available on case by case basis and availability and MOQ need to be confirmed with factory first


Similar Part No. - MPP10

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
MPP10 RSG-MPP10 Datasheet
271Kb / 4P
REINFORCED INSULATION FOR 250VAC WORKING VOLTAGE
logo
Power Mate Technology C...
MPP10-05D05A/B P-DUKE-MPP10-05D05A/B Datasheet
479Kb / 5P
DC-DC CONVERTER
logo
RSG Electronic Componen...
MPP10-05D05AB RSG-MPP10-05D05AB Datasheet
271Kb / 4P
REINFORCED INSULATION FOR 250VAC WORKING VOLTAGE
logo
Power Mate Technology C...
MPP10-05D12A/B P-DUKE-MPP10-05D12A/B Datasheet
479Kb / 5P
DC-DC CONVERTER
logo
RSG Electronic Componen...
MPP10-05D12AB RSG-MPP10-05D12AB Datasheet
271Kb / 4P
REINFORCED INSULATION FOR 250VAC WORKING VOLTAGE
More results

Similar Description - MPP10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0402WGF0000TCE ETC2-0402WGF0000TCE Datasheet
94Kb / 9P
Thick Film Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEYJ101V PANASONIC-ERJ-8GEYJ101V Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF2202 ROHM-MCR01MZPF2202 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEY0R00V PANASONIC-ERJ-8GEY0R00V Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-14YJ301U PANASONIC-ERJ-14YJ301U Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-12YJ272U PANASONIC-ERJ-12YJ272U Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPFX1202 ROHM-MCR03EZPFX1202 Datasheet
143Kb / 7P
Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com