Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPP20 Datasheet(PDF) 5 Page - Multicomp Pro

Part # MPP20
Description  Thick Film Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MPP20 Datasheet(HTML) 5 Page - Multicomp Pro

  MPP20 Datasheet HTML 1Page - Multicomp Pro MPP20 Datasheet HTML 2Page - Multicomp Pro MPP20 Datasheet HTML 3Page - Multicomp Pro MPP20 Datasheet HTML 4Page - Multicomp Pro MPP20 Datasheet HTML 5Page - Multicomp Pro MPP20 Datasheet HTML 6Page - Multicomp Pro MPP20 Datasheet HTML 7Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page <5>
V1.0
28/07/23
Thick Film Chip Resistors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Characteristics
Limits
Test Methods
(AEC - Q200)
Biased Humidity
Resistance change rate is
1%: ± (1.0%+0.1Ω) Max.
5%: ± (3.0%+0.1Ω) Max.
10% rated power, 85°C/85%RH, 1000H,Measurement at 24
hours after test conclusion.
(MIL-STD-202 Method 103)
Mechanical Shock
Resistance change rate is
±(1.0%+0.1Ω)max
Wave Form: Tolerance for half sine shock pulse. Peak value
is 100g’s. Normal duration (D) is 6.
(MIL-STD-202 Method 213)
Vibration
Resistance change rate is
±(1.0%+0.1Ω)max
5g’s for 20 min., 12cycle each of 3 orientations.
Note: Use 8”*5”PCB. 031” thick 7 secure points (onone) long
side and 2 secure points at corners of opposite sides. Parts
mounted within 2’ from any secure point. Test from
10-2000Hz. (MIL-STD-202 Method 204)
Thermal Shock
Resistance change rate is
±(1.0%+0.1Ω)max
-55°C/+155°C,Note: Number of cycles required -300,
Maximum transfer time -20 seconds, Dwell time -15 minutes.
Air-Air. (MIL-STD-202 Method 107)
ESD
Resistance change rate is
±(10%+0.1Ω)max
With the electrometer in direct contact with the discharge
tip, verify the voltage setting at levels of ±500V,±1KV, ±2KV,
±4KV, ±8KV, The electrometer reading shall be within ±10%
for voltages from 500V to 800V.
(AEC-Q200-002)
Solderability
95% coverage Min.
For both leaded & SMD. Electrical test not required.
Magnification 50X. Conditions:
a) Method B 4hrs at 155°C dry heat, the dip in bath with
245°C,5s.
b) Method B: at 215°C,5s.
c) Method D: at 260°C, 60s.
( J-STD-002)
Flammability
No ignition of the tissue paper
or scorching or the pinewood
board
V-0 or V-1 are acceptable. Electrical test not required. (UL-94)
Board Flex
Resistance change rate is
±(1%+0.05Ω)max
2mm (Min)
(JIS-C-6429)
Flame Retardance
No flame
Temperature sensing at 500°C, Voltage power subjected to
32V DC current clamped up to 500A DC and decreased in
1.0V DC/hour.
(AEC-Q200-001)
Resistance to Soldering
Heat
Resistance change rate is
±(1%+0.05Ω)max.
Condition B No per-heat of samples. Note: Single Wave
Solder-Procedure 2 for SMD and Procedure 1 for Leaded with
solder within 1.5mm of device body.
(MIL-STD-202 Method 210)
* Sulfuration test: H2S 3~5PPM 50°C±2°C 91%~93%RH 1000H



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com