Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP011337. Datasheet(PDF) 1 Page - Multicomp Pro

Part # MP011337.
Description  1.5mm Crimp Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP011337. Datasheet(HTML) 1 Page - Multicomp Pro

  MP011337. Datasheet HTML 1Page - Multicomp Pro MP011337. Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
14/02/23
1.5mm Crimp Housing
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Specifications
Material
Insulator
: PBT, Rated UL 94V—0
Insulator colour
: White
Electrical
Current Rating
: 2A AC / DC
Contact Resistance
: 20mΩ max.
Insulation Resistance
: 500MΩ min
Dielectric withstanding voltage : 500V AC for 1 minute
Temperature Rating
Operating Temperature
: -40°C to +85°C
Diagram
Dimensions : Millimetres


Similar Part No. - MP011337.

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01133 GOLLEDGE-MP01133 Datasheet
143Kb / 7P
456.0MHz SAW Filter
More results

Similar Description - MP011337.

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-353908-3 MACOM-1-353908-3 Datasheet
105Kb / 2P
AMP MINI COMMON TERMINATED (CT) CONNECTOR 1.5mm PITCH HOUSING, CRIMP TYPE
logo
List of Unclassifed Man...
ZER-02V-S ETC1-ZER-02V-S Datasheet
130Kb / 4P
1.5mm pitch/Disconnectable Crimp style connectors
logo
Tyco Electronics
3-1718230-1 MACOM-3-1718230-1 Datasheet
109Kb / 1P
1.5MM PIN HOUSING
1775441-2 MACOM-1775441-2 Datasheet
116Kb / 2P
EMIX CONN. 1.5mm PITCH RCPT, HOUSING
logo
List of Unclassifed Man...
ZHR-8 ETC2-ZHR-8 Datasheet
163Kb / 4P
1.5mm pitch/Disconnectable Crimp style connectors
B2B-ZRLFSN ETC2-B2B-ZRLFSN Datasheet
112Kb / 3P
1.5mm pitch/Disconnectable Crimp style connectors
S6B-ZR-SM4A ETC-S6B-ZR-SM4A Datasheet
163Kb / 4P
1.5mm pitch/Disconnectable Crimp style connectors
11050006105 ETC2-11050006105 Datasheet
184Kb / 1P
Han-Yellock Crimp contact male 1.5mm
logo
Molex Electronics Ltd.
213069-1000 MOLEX-213069-1000 Datasheet
701Kb / 7P
FA2 Crimp Applicator for Pico-SPOX 1.5mm Pitch Crimp Terminals
06-24-20
213069-1100 MOLEX-213069-1100 Datasheet
704Kb / 7P
FA2 Crimp Applicator for Pico-SPOX 1.5mm Pitch Crimp Terminals
06-24-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com