Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP005993 Datasheet(PDF) 5 Page - Multicomp Pro

Part # MP005993
Description  Cement Fixed Resistors Axial Leaded
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP005993 Datasheet(HTML) 5 Page - Multicomp Pro

  MP005993 Datasheet HTML 1Page - Multicomp Pro MP005993 Datasheet HTML 2Page - Multicomp Pro MP005993 Datasheet HTML 3Page - Multicomp Pro MP005993 Datasheet HTML 4Page - Multicomp Pro MP005993 Datasheet HTML 5Page - Multicomp Pro MP005993 Datasheet HTML 6Page - Multicomp Pro MP005993 Datasheet HTML 7Page - Multicomp Pro MP005993 Datasheet HTML 8Page - Multicomp Pro MP005993 Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Page <5>
V1.0
05/01/21
Cement Fixed Resistors
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Axial Leaded Wire Wound Resistor, 5W, 0.24R, ±5%
MP006028
Axial Leaded Wire Wound Resistor, 5W, 0.27R, ±5%
MP006029
Axial Leaded Wire Wound Resistor, 5W, 0.3R, ±5%
MP006030
Axial Leaded Wire Wound Resistor, 5W, 0.33R, ±5%
MP006031
Axial Leaded Wire Wound Resistor, 5W, 0.36R, ±5%
MP006032
Axial Leaded Wire Wound Resistor, 5W, 0.39R, ±5%
MP006033
Axial Leaded Wire Wound Resistor, 5W, 0.43R, ±5%
MP006034
Axial Leaded Wire Wound Resistor, 5W, 0.47R, ±5%
MP006035
Axial Leaded Wire Wound Resistor, 5W, 0.51R, ±5%
MP006036
Axial Leaded Wire Wound Resistor, 5W, 0.56R, ±5%
MP006037
Axial Leaded Wire Wound Resistor, 5W, 0.62R, ±5%
MP006038
Axial Leaded Wire Wound Resistor, 5W, 0.68R, ±5%
MP006039
Axial Leaded Wire Wound Resistor, 5W, 0.75R, ±5%
MP006040
Axial Leaded Wire Wound Resistor, 5W, 0.82R, ±5%
MP006041
Axial Leaded Wire Wound Resistor, 5W, 0.91R, ±5%
MP006042
Axial Leaded Wire Wound Resistor, 5W, 0.1R, ±5%
MP006043
Axial Leaded Wire Wound Resistor, 5W, 1R, ±5%
MCPRW05WJW10JB00
Axial Leaded Wire Wound Resistor, 5W, 1.2R, ±5%
MP006044
Axial Leaded Wire Wound Resistor, 5W, 1.5R, ±5%
MP006045
Axial Leaded Wire Wound Resistor, 5W, 1.8R, ±5%
MP006046
Axial Leaded Wire Wound Resistor, 5W, 2R, ±5%
MCPRW05WJW20JB00
Axial Leaded Wire Wound Resistor, 5W, 2.2R, ±5%
MP006047
Axial Leaded Wire Wound Resistor, 5W, 2.7R, ±5%
MP006048
Axial Leaded Wire Wound Resistor, 5W, 3.3R, ±5%
MP006049
Axial Leaded Wire Wound Resistor, 5W, 3.9R, ±5%
MCPRW05WJW39JB00
Axial Leaded Wire Wound Resistor, 5W, 4.7R, ±5%
MP006051
Axial Leaded Wire Wound Resistor, 5W, 5R, ±5%
MP006052
Axial Leaded Wire Wound Resistor, 5W, 5.1R, ±5%
MP006053
Axial Leaded Wire Wound Resistor, 5W, 5.6R, ±5%
MP006054
Axial Leaded Wire Wound Resistor, 5W, 6.8R, ±5%
MCPRW05WJW68JB00
Axial Leaded Wire Wound Resistor, 5W, 8.2R, ±5%
MP006056
Axial Leaded Wire Wound Resistor, 5W, 10R, ±5%
MCPRW05WJW100B00
Axial Leaded Wire Wound Resistor, 5W, 12R, ±5%
MP006058
Axial Leaded Wire Wound Resistor, 5W, 15R, ±5%
MP006059
Axial Leaded Wire Wound Resistor, 5W, 18R, ±5%
MP006060
Axial Leaded Wire Wound Resistor, 5W, 20R, ±5%
MCPRW05WJW200B00
Axial Leaded Wire Wound Resistor, 5W, 22R, ±5%
MP006061
Axial Leaded Wire Wound Resistor, 5W, 27R, ±5%
MCPRW05WJW270B00
Axial Leaded Wire Wound Resistor, 5W, 30R, ±5%
MCPRW05WJW300B00



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com