Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-RX1135 Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-RX1135
Description  GaP/GaP Hi-Eff Green Low power consumption.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-RX1135 Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-RX1135 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-RX1135 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--R
RX
X1
11
13
35
5
Ver.1.0 Page: 1 of 2
SINCE 1981
5.0(.197)
1.5(.059)
MAX.
1.0(.039)
MIN.
25.4(1.00) MIN.
4.6(.181)
4.0(.157)
0.5(.020)
SQ.TYP.
2.7(.106)
1.0(.039)
5.1(.201)
2.8(.110)
2.54(.100)
NOM.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
● Package dimensions
1. Chip material: GaP/GaP
2. Emitted color : Hi-Eff Green
3. Lens Appearance : Green Diffused
4. Low power consumption.
5. Most suitable for use like level indicator.
6. Excellent uniformity of light emittance.
7. Long life solid state reliability.
8. Compatible.
9. This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
100
mW
Forward Current
IF
30
mA
Peak Forward Current*1
IFP
150
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40℃~80℃
Storage Temperature
Tstg
-40℃~85℃
Soldering Temperature
Tsol
260℃(for 5 seconds)
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.
1.1


Similar Part No. - BL-RX1135

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-RX1135 YSTONE-BL-RX1135 Datasheet
505Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-RX1135A YSTONE-BL-RX1135A Datasheet
505Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-RX1135B YSTONE-BL-RX1135B Datasheet
505Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
More results

Similar Description - BL-RX1135

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-CX1132 BRIGHT-BL-CX1132 Datasheet
115Kb / 2P
LED GaP/GaP Hi-Eff Green Low power consumption.
BL-CX1336M BRIGHT-BL-CX1336M Datasheet
123Kb / 2P
LED GaP/GaP Hi-Eff Green Low power consumption.
BL-R4121F BRIGHT-BL-R4121F Datasheet
128Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-R4530N BRIGHT-BL-R4530N Datasheet
129Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-S45L8 BRIGHT-BL-S45L8 Datasheet
128Kb / 2P
GaAsP/GaP hi-eff red Low power consumption.
BL-S4536 BRIGHT-BL-S4536 Datasheet
120Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-SX1132 BRIGHT-BL-SX1132 Datasheet
129Kb / 2P
GaP/GaP Hi-Eff Green Low power consumption.
BL-SX1136 BRIGHT-BL-SX1136 Datasheet
134Kb / 2P
GaP/GaP Hi-Eff Green Low power consumption.
BL-SX1137 BRIGHT-BL-SX1137 Datasheet
131Kb / 2P
GaP/GaP Hi-Eff Green Low power consumption.
BL-T4534 BRIGHT-BL-T4534 Datasheet
130Kb / 2P
GaP/GaP Hi-Eff Red Low power consumption.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com