Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP005997 Datasheet(PDF) 4 Page - Multicomp Pro

Part # MP005997
Description  Cement Fixed Resistors Axial Leaded
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP005997 Datasheet(HTML) 4 Page - Multicomp Pro

  MP005997 Datasheet HTML 1Page - Multicomp Pro MP005997 Datasheet HTML 2Page - Multicomp Pro MP005997 Datasheet HTML 3Page - Multicomp Pro MP005997 Datasheet HTML 4Page - Multicomp Pro MP005997 Datasheet HTML 5Page - Multicomp Pro MP005997 Datasheet HTML 6Page - Multicomp Pro MP005997 Datasheet HTML 7Page - Multicomp Pro MP005997 Datasheet HTML 8Page - Multicomp Pro MP005997 Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page <4>
V1.0
05/01/21
Cement Fixed Resistors
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Diagram
Rating
Wattage
W ±1
(mm)
D ±1
(mm)
L ±1
(mm)
d ±0.05
(mm)
H ±5
(mm)
Wire-wound
Resistance
Range
Power Film
Resistance
Range
1W
6
6
14
0.7
25
-
30Ω
2W
7
7
18
0.75
28
4.7Ω
100Ω, 3.3KΩ
3W
8
8
22
32
0.15Ω to 0.82Ω
56Ω to 25KΩ
5W
10
9
35
0.1Ω to 47Ω
56Ω to 39KΩ
7W
35
15Ω to 33Ω
-
10W
49
0.1Ω to 820Ω
1KΩ to 27KΩ
15W
12.5
11.5
1Ω to 1KΩ
-
20W
14.5
13.5
60
3.3Ω to 100Ω
-
25W
64
0.2Ω to 1.2KΩ 1.5KΩ to 8.2KΩ
Part Number Table
Description
Part Number
Axial Leaded Power Film Resistor, 1W, 30R, ±5%
MCPRW01WJP300B00
Axial Leaded Wire Wound Resistor, 2W, 4.7R, ±5%
MCPRW02WJW47JB00
Axial Leaded Power Film Resistor, 2W, 100R, ±10%
MCPRW02WKP101B00
Axial Leaded Power Film Resistor, 2W, 3.3K, ±10%
MCPRW02WKP332B00
Axial Leaded Wire Wound Resistor, 3W, 0.15R, ±5%
MCPRW03WJW15KB00
Axial Leaded Wire Wound Resistor, 3W, 0.3R, ±5%
MCPRW03WJW30KB00
Axial Leaded Wire Wound Resistor, 3W, 0.68R, ±5%
MCPRW03WJW68KB00
Axial Leaded Wire Wound Resistor, 3W, 0.82R, ±5%
MCPRW03WJW82KB00
Axial Leaded Power Film Resistor, 3W, 56R, ±5%
MCPRW03WJP560B00
Axial Leaded Power Film Resistor, 3W, 560R, ±5%
MCPRW03WJP561B00
Axial Leaded Power Film Resistor, 3W, 25K, ±5%
MCPRW03WJP253B00
Axial Leaded Wire Wound Resistor, 5W, 0.1R, ±5%
MP006022
Axial Leaded Wire Wound Resistor, 5W, 0.12R, ±5%
MP006023
Axial Leaded Wire Wound Resistor, 5W, 0.15R, ±5%
MP006024
Axial Leaded Wire Wound Resistor, 5W, 0.18R, ±5%
MP006025
Axial Leaded Wire Wound Resistor, 5W, 0.2R, ±5%
MP006026
Axial Leaded Wire Wound Resistor, 5W, 0.22R, ±5%
MP006027



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com