Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

641237 Datasheet(PDF) 42 Page - TE Connectivity Ltd

Part # 641237
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

641237 Datasheet(HTML) 42 Page - TE Connectivity Ltd

Back Button 641237 Datasheet HTML 38Page - TE Connectivity Ltd 641237 Datasheet HTML 39Page - TE Connectivity Ltd 641237 Datasheet HTML 40Page - TE Connectivity Ltd 641237 Datasheet HTML 41Page - TE Connectivity Ltd 641237 Datasheet HTML 42Page - TE Connectivity Ltd 641237 Datasheet HTML 43Page - TE Connectivity Ltd 641237 Datasheet HTML 44Page - TE Connectivity Ltd 641237 Datasheet HTML 45Page - TE Connectivity Ltd 641237 Datasheet HTML 46Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
42
.375
[9.52]
.300
[7.62]
.065
[1.65]
.051
[1.30]
.066
[1.68]
.070
[1.78]
Dia.
.300
[7.62]
.085
[2.16]
.065
[1.65]
.051
[1.30]
.066
[1.68]
.453
[11.5]
.578
[14.7]
.010
[.254]
Max. R. Typ. at Min.
Tolerance Cutout
Keying Plugs
Material (RoHS Compliant)
UL94V-2 rated, nylon, natural color
Note: Removal of contact is not
necessary when using keying plug.
Loose Piece
Part No. 640629-1 (Flush)
Used with keyed headers
On Carrier Strip
Part No. 641623-1 (Flush)
(10 per strip)
Long Nose
Flush
.125
[3.18]
.500
[12.70]
Ref.
2.525
[64.14]
Ref.
.300
[7.62]
Ref.
Panel Mount End Caps
Part No. 641440-1
Part No. 641533-1
(2-position only)
Material (RoHS Compliant)
UL94V-2 rated, nylon, black
Notes:
1. Both left-hand and right-hand
end caps are attached by a con-
necting tab. This tab must be
broken off prior to installing on
connector.
2. For best results attach panel
mount end caps to the MTA-156
(IDC) connectors shown on pages
36 thru 39. While not preferred,
panel mount end caps can be
attached to MTA-156 (IDC)
posted connector on page 45.
.440
[11.18]
.520
[13.2]
.410
[10.41]
.550
[13.97]
Two-Position Only
641533-1
3- thru 24-Position
641440-1
See Note 1
.453
[11.5]
A
.010
[.254]
Max. R. Typ.
at Min.
Tolerance
Cutout
No. of
Dim.
Pos.
A
3
.736
18.69
4
.892
22.66
6
1.204
30.58
9
1.672
42.47
12
2.140
54.36
15
2.608
66.24
24
4.012
101.9
Recommended Panel Cutout
(Recommended Panel Thickness .062 [1.57] to .067 [1.70] max.)
.564
[14.33]
.520
[13.2]
.440
[11.18]
Part No. 640630-1 (Long Nose)
Used with staked post
MTA-156 Connector Accessories (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com