Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

396 Datasheet(PDF) 1 Page - PANAVISE PRODUCTS, INC.

Part # 396
Description  Wide Opening Head PanaVise
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANAVISE [PANAVISE PRODUCTS, INC.]
Direct Link  https://www.panavise.com/
Logo PANAVISE - PANAVISE PRODUCTS, INC.

396 Datasheet(HTML) 1 Page - PANAVISE PRODUCTS, INC.

  396 Datasheet HTML 1Page - PANAVISE PRODUCTS, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model: 396 Wide Opening Head PanaVise
The work holding tool with EXPANDED capabilities!
Working on larger objects? The jaws on this vise open a generous 6".
• Wide opening jaws open to 6" (152.4mm) and close to 0"
• Ribbed, neoprene jaw pads are 1.875" (47.6mm) high x 1.5" (38.1mm) wide and provide a sure grip
to hold and insulate PC boards and other larger objects; reverse the pads and the wide "V" holds
delicate cylindrical objects
• Single knob controls head movement through 3-planes: 90° Tilt, 360° Turn & 360° Rotation
• Base accepts all 300 series Heads and any 5/8" (15.9mm) diameter shaft
• Base features 4.3125" (109.5mm) bolt circle countersunk for three 1/4" (6.3mm) flathead screws (not
included)
• Height: 7.3125" (185.7mm), Weight: 3.0 lbs. (1.4kg)


Similar Part No. - 396

ManufacturerPart #DatasheetDescription
logo
Littelfuse
396 LITTELFUSE-396 Datasheet
81Kb / 2P
SUBMINIATURE FUSES
logo
Energizer
396 ENERGIZER-396 Datasheet
534Kb / 1P
Silver Oxide Batteries
logo
EDAC, All Rights Reserv...
396 EDAC-396 Datasheet
298Kb / 3P
Card Edge Connectors 0.125” (3.175mm) Pitch
logo
PANAVISE PRODUCTS, INC.
396 PANAVISE-396 Datasheet
1Mb / 8P
Precision Vise Combinations
logo
Littelfuse
396 LITTELFUSE-396 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results

Similar Description - 396

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
151-4409 ETC1-151-4409 Datasheet
29Kb / 1P
Pan Head, Cross Head Metric Screws
logo
PHOENIX CONTACT
MICROFOX-PC-ESD PHOENIX-MICROFOX-PC-ESD Datasheet
49Kb / 2P
Opening spring for uniform, smooth opening
MICROFOX-R PHOENIX-MICROFOX-R Datasheet
49Kb / 2P
Electronic round-nose pliers, smooth grip, with opening spring
MICROFOX-S-ESD PHOENIX-MICROFOX-S-ESD Datasheet
49Kb / 2P
Opening spring for uniform, smooth opening
MICROFOX-SP PHOENIX-MICROFOX-SP Datasheet
49Kb / 2P
Electronic diagonal cutter, tapered head, angled (21째), without chamfer, with opening spring
MICROFOX-PC-ESD-DB PHOENIX-MICROFOX-PC-ESD-DB Datasheet
46Kb / 2P
Opening spring for uniform, smooth opening
MICROFOX-S-ESD-DB PHOENIX-MICROFOX-S-ESD-DB Datasheet
46Kb / 2P
Opening spring for uniform, smooth opening
logo
Littelfuse
881F LITTELFUSE-881F Datasheet
552Kb / 3P
High-Current Fast Opening SMD Fuse
logo
WAGO Kontakttechnik Gmb...
2002-191 WAGO-2002-191 Datasheet
98Kb / 3P
Lockout cap; for wire insertion and actuating opening; gray
24.11.2021
logo
Schneider Electric
XAPA1101 SCHNEIDER-XAPA1101 Datasheet
109Kb / 2P
empty control station - XAP-A - plastic - 1 opening
Feb 25, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com