Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUH2M20AP Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUH2M20AP
Description  HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUH2M20AP Datasheet(HTML) 1 Page - STMicroelectronics

  BUH2M20AP Datasheet HTML 1Page - STMicroelectronics BUH2M20AP Datasheet HTML 2Page - STMicroelectronics BUH2M20AP Datasheet HTML 3Page - STMicroelectronics BUH2M20AP Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BUH2M20AP
HIGH VOLTAGE NPN SILICON
POWER TRANSISTOR
s
EXTRA HIGH VOLTAGE CAPABILITY
s
LOW OUTPUT CAPACITANCE
s
CHARACTERIZED FOR LINEAR MODE
OPERATION.
APPLICATIONS:
s
DESIGNED SPECIFICALLY FOR DYNAMIC
FOCUS IN CTV AND MONITOR.
DESCRIPTION
The
BUH2M20AP
is
manufactured
using
Multiepitaxial Mesa technology for cost-effective
high performance.
®
INTERNAL SCHEMATIC DIAGRAM
September 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
2000
V
VCEO
Collector-Emitter Voltage (IB = 0)
1200
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
30
mA
ICM
Collector Peak Current (tp < 5 ms)
40
mA
Ptot
Total Dissipation at Tc = 25
o C20
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1
2
3
TO-220
1/4


Similar Part No. - BUH2M20AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUH100 MOTOROLA-BUH100 Datasheet
474Kb / 10P
POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
logo
ON Semiconductor
BUH100 ONSEMI-BUH100 Datasheet
474Kb / 10P
POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
BUH100G ONSEMI-BUH100G Datasheet
251Kb / 10P
SWITCHMODE NPN Silicon Planar Power Transistor
April, 2010 ??Rev. 5
logo
STMicroelectronics
BUH1015 STMICROELECTRONICS-BUH1015 Datasheet
94Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Dec-1999
logo
Savantic, Inc.
BUH1015 SAVANTIC-BUH1015 Datasheet
135Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BUH2M20AP

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP51 MOSPEC-TIP51 Datasheet
127Kb / 3P
High-Voltage NPN Silicon Power Transistor
logo
NTE Electronics
NTE198 NTE-NTE198 Datasheet
21Kb / 2P
Silicon NPN Transistor High Voltage Power Transistor
logo
STMicroelectronics
BU326A STMICROELECTRONICS-BU326A Datasheet
62Kb / 4P
HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
Dec-2000
BUX80 STMICROELECTRONICS-BUX80 Datasheet
62Kb / 4P
HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
Jun-1997
BU326A STMICROELECTRONICS-BU326A Datasheet
43Kb / 4P
HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
Dec-2000
logo
Continental Device Indi...
BU109 CDIL-BU109 Datasheet
190Kb / 3P
NPN HIGH VOLTAGE SILICON POWER TRANSISTOR
logo
STMicroelectronics
BUX87 STMICROELECTRONICS-BUX87 Datasheet
182Kb / 5P
HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
Sep-2003
logo
New Jersey Semi-Conduct...
BUX80 NJSEMI-BUX80 Datasheet
169Kb / 2P
HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZTUX87 CENTRAL-CZTUX87_15 Datasheet
603Kb / 2P
HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
logo
ON Semiconductor
MJE3439G ONSEMI-MJE3439G Datasheet
82Kb / 4P
NPN Silicon High-Voltage Power Transistor
December, 2013 ??Rev. 13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com