Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUH315 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BUH315
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUH315 Datasheet(HTML) 4 Page - STMicroelectronics

  BUH315 Datasheet HTML 1Page - STMicroelectronics BUH315 Datasheet HTML 2Page - STMicroelectronics BUH315 Datasheet HTML 3Page - STMicroelectronics BUH315 Datasheet HTML 4Page - STMicroelectronics BUH315 Datasheet HTML 5Page - STMicroelectronics BUH315 Datasheet HTML 6Page - STMicroelectronics BUH315 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Power Losses at 32 KHz
Switching Time Inductive Load at 32 KHz
(see figure 2)
In order to saturate the power switch and reduce
conduction losses, adequate direct base current
IB1 has to be provided for the lowest gain hFE at
100
oC (line scan phase). On the other hand,
negative base current IB2 must be provided to
turn off the power transistor (retrace phase).
Most
of
the
dissipation,
in
the
deflection
application, occurs at switch-off. Therefore it is
essential to determine the value of IB2 which
minimizes
power
losses,
fall
time
tf
and,
consequently, Tj. A new set of curves have been
defined to give total power losses, ts and tf as a
function of IB2 at both 16 KHz and 32 KHz
scanning frequencies for choosing the optimum
negative drive. The test circuit is illustrated in
figure 1.
Inductance L1 serves to control the slope of the
negative base current IB2 to recombine the
excess carrier in the collector when base current
is still present, this would avoid any tailing
phenomenon in the collector current.
The values of L and C are calculated from the
following equations:
1
2
L
(IC)2 =
1
2
C
(VCEfly)2
ω= 2 πf =
1
√
L C
Where IC= operating collector current, VCEfly=
flyback voltage, f= frequency of oscillation during
retrace.
BASE DRIVE INFORMATION
Reverse Biased SOA
BUH315
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com