Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3130 Datasheet(PDF) 49 Page - Microchip Technology

Part # MGC3130
Description  Hillstar Development Kit User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 42Page - Microchip Technology MGC3130 Datasheet HTML 43Page - Microchip Technology MGC3130 Datasheet HTML 44Page - Microchip Technology MGC3130 Datasheet HTML 45Page - Microchip Technology MGC3130 Datasheet HTML 46Page - Microchip Technology MGC3130 Datasheet HTML 47Page - Microchip Technology MGC3130 Datasheet HTML 48Page - Microchip Technology MGC3130 Datasheet HTML 49Page - Microchip Technology MGC3130 Datasheet HTML 50Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
MGC3130 HILLSTAR DEVELOPMENT
KIT USER’S GUIDE
 2013 Microchip Technology Inc.
DS40001721A-page 49
Appendix E. Glossary
TABLE E-1:
GestIC® GLOSSARY
Term
Definition
AFE
Analog front end
Application Host
PC or embedded controller which controls the MGC3130
Aurea
MGC3130 PC control software with graphical user interface
Colibri Suite
Embedded DSP suite within the GestIC® Library
Deep Sleep
MGC3130 Power-Saving mode
E-field
Electrical field
Frame Electrodes
Rectangular set of four electrodes for E-field sensing
GestIC® Technology
Microchip’s patented technology providing 3D free-space gesture
recognition utilizing the principles of electrical near-field sensing
GestIC® Library
Includes the implementation of MGC3130 features and is delivered
as a binary file preprogrammed on the MGC3130
Gesture Recognition
Microchip’s stochastic HMM classifier to automatically detect and
classify hand movement patterns
Gesture Set
A set of provided hand movement patterns
Hand Brick
Copper coated test block (40x40x70 mm)
HMM
Hidden Markov Model
MGC3130
Single-Zone 3D Gesture Sensing Controller
Position Tracking
GestIC® technology feature
Sabrewing
MGC3130 evaluation board
Self Wake-up
MGC3130 Power-Saving mode
Sensing Area
Area enclosed by the four frame electrodes
Sensing Space
Space above sensing area
Signal Deviation
Term for the delta of the sensor signal on approach of the hand
versus non-approach
Spacer Brick
Spacer between the sensor layer and hand brick
(Styrofoam block 40x40xh mm) with h= 1 / 2 / 3 / 5 / 8 / 12 cm
SPU
Signal Processing Unit
Approach Detection
GestIC® technology feature: Power-Saving mode of the MGC3130
with approach detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com