Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAS19
Description  Small Signal Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS19 Datasheet(HTML) 2 Page - ON Semiconductor

  BAS19 Datasheet HTML 1Page - ON Semiconductor BAS19 Datasheet HTML 2Page - ON Semiconductor BAS19 Datasheet HTML 3Page - ON Semiconductor BAS19 Datasheet HTML 4Page - ON Semiconductor BAS19 Datasheet HTML 5Page - ON Semiconductor BAS19 Datasheet HTML 6Page - ON Semiconductor BAS19 Datasheet HTML 7Page - ON Semiconductor BAS19 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BAS19 Rev. 1.1
February 2015
BAS19
Small Signal Diode
Ordering Information
Absolute Maximum Ratings(1), (2)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. These ratings are based on a maximum junction temperature of 150
°C.
2. These are steady-state limits. Fairchild Semiconductor should be consulted on applications involving pulsed or
low-duty-cycle operations.
Part Number
Top Mark
Package
Packing Method
BAS19
A8.
SOT-23 3L
Tape and Reel
Symbol
Parameter
Value
Unit
VRRM
Maximum Repetitive Reverse Voltage
120
V
IF(AV)
Average Rectified Forward Current
200
mA
IFSM
Non-Repetitive Peak Forward
Surge Current
Pulse Width = 1.0 second
1.0
A
Pulse Width = 1.0 microsecond
2.0
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
3
1
2
SOT-23
Connection Diagram
3
1
2NC
1
2
3
A8.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com