Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS29 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAS29
Description  Small Signal Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS29 Datasheet(HTML) 2 Page - ON Semiconductor

  BAS29 Datasheet HTML 1Page - ON Semiconductor BAS29 Datasheet HTML 2Page - ON Semiconductor BAS29 Datasheet HTML 3Page - ON Semiconductor BAS29 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS29, Rev. A
BAS29
Small Signal Diode
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
2002 Fairchild Semiconductor Corporation
3
1
2
SOT-23
1
2
3
L20
Absolute Maximum Ratings*
T
A = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
120
V
IF(AV)
Average Rectified Forward Current
200
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
Pulse Width = 1.0 microsecond
1.0
2.0
A
A
T
stg
Storage Temperature Range
-55 to +150
°C
T
J
Operating Junction Temperature
150
°C
Thermal Characteristics
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
P
D
Power Dissipation
350
mW
RθJA
Thermal Resistance, Junction to Ambient
357
°C/W
Symbol
Parameter
Test Conditions
Min
Max
Units
V
R
Breakdown Voltage
I
R = 1.0 mA
120
V
V
F*
Forward Voltage
I
F = 10 mA
I
F = 50 mA
I
F = 100 mA
I
F = 200 mA
I
F = 400 mA
0.75
0.84
0.90
1.00
1.25
V
V
V
V
V
I
R*
Reverse Current
V
R = 90 V
V
R = 90 V, TA = 150°C
100
100
nA
µA
C
T
Total Capacitance
V
R = 0, f = 1.0 MHz
2.0
pF
t
rr
Reverse Recovery Time
I
F = IR = 30 mA, IRR = 3.0 mA,
R
L = 100 Ω
50
ns
*Pulse test : Pulse width=300us, Duty Cycle=2%
Connection Diagram
3
1
2NC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com