Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC74PC Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74AC74PC
Description  Dual D-Type Positive Edge-Triggered Flip-Flop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74AC74PC Datasheet(HTML) 5 Page - ON Semiconductor

  74AC74PC Datasheet HTML 1Page - ON Semiconductor 74AC74PC Datasheet HTML 2Page - ON Semiconductor 74AC74PC Datasheet HTML 3Page - ON Semiconductor 74AC74PC Datasheet HTML 4Page - ON Semiconductor 74AC74PC Datasheet HTML 5Page - ON Semiconductor 74AC74PC Datasheet HTML 6Page - ON Semiconductor 74AC74PC Datasheet HTML 7Page - ON Semiconductor 74AC74PC Datasheet HTML 8Page - ON Semiconductor 74AC74PC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics for ACT
Note 7: All outputs loaded; thresholds on input associated with output under test.
Note 8: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for AC
Note 9: Voltage Range 3.3 is 3.3V
r 0.3V
Voltage Range 5.0 is 5.0V
r 0.5V
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT
0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC  0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT 0.1V
Output Voltage
5.5
1.5
0.8
0.8
or VCC  0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
V
IOUT 50 PA
Output Voltage
5.5
5.49
5.4
5.4
VIN VIL or VIH
4.5
3.86
3.76
V
IOH 24 mA
5.5
4.86
4.76
IOH 24 mA (Note 7)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
V
IOUT 50 PA
Output Voltage
5.5
0.001
0.1
0.1
VIN VIL or VIH
4.5
0.36
0.44
V
IOL 24 mA
5.5
0.36
0.44
IOL 24 mA (Note 7)
IIN
Maximum Input
5.5
r0.1
r1.0
PA
VI VCC, GND
Leakage Current
ICCT
Maximum
5.5
0.6
1.5
mA
VI VCC  2.1V
ICC/Input
IOLD
Minimum Dynamic
5.5
75
mA
VOLD 1.65V Maximum
IOHD
Output Current (Note 8)
5.5
75
mA
VOHD 3.85V Minimum
ICC
Maximum Quiescent
5.5
2.0
20.0
PA
VIN VCC
Supply Current
or GND
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 9)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
3.3
100
125
95
MHz
Frequency
5.0
140
160
125
tPLH
Propagation Delay
3.3
3.5
8.0
12.0
2.5
13.0
ns
CDn or SDn to Qn or Qn
5.0
2.5
6.0
9.0
2.0
10.0
tPHL
Propagation Delay
3.3
4.0
10.5
12.0
3.5
13.5
ns
CDn or SDn to Qn or Qn
5.0
3.0
8.0
9.5
2.5
10.5
tPLH
Propagation Delay
3.3
4.5
8.0
13.5
4.0
16.0
ns
CPn to Qn or Qn
5.0
3.5
6.0
10.0
3.0
10.5
tPHL
Propagation Delay
3.3
3.5
8.0
14.0
3.5
14.5
ns
CPn to Qn or Qn
5.0
2.5
6.0
10.0
2.5
10.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com