Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT74PC Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74ACT74PC
Description  Dual D-Type Positive Edge-Triggered Flip-Flop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT74PC Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 74ACT74PC Datasheet HTML 2Page - ON Semiconductor 74ACT74PC Datasheet HTML 3Page - ON Semiconductor 74ACT74PC Datasheet HTML 4Page - ON Semiconductor 74ACT74PC Datasheet HTML 5Page - ON Semiconductor 74ACT74PC Datasheet HTML 6Page - ON Semiconductor 74ACT74PC Datasheet HTML 7Page - ON Semiconductor 74ACT74PC Datasheet HTML 8Page - ON Semiconductor 74ACT74PC Datasheet HTML 9Page - ON Semiconductor 74ACT74PC Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
AC Operating Requirements for AC
Note 10: Voltage Range 3.3 is 3.3V
r 0.3V
Voltage Range 5.0 is 5.0V
r 0.5V
AC Electrical Characteristics for ACT
Note 11: Voltage Range 5.0 is 5.0V
r 0.5V
AC Operating Requirements for ACT
Note 12: Voltage Range 5.0 is 5.0V
r 0.5V
Capacitance
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 10)
Typ
Guaranteed Minimum
tS
Set-up Time, HIGH or LOW
3.3
1.5
4.0
4.5
ns
Dn to CPn
5.0
1.0
3.0
3.0
tH
Hold Time, HIGH or LOW
3.3
2.0
0.5
0.5
ns
Dn to CPn
5.0
1.5
0.5
0.5
tW
CPn or CDn or SDn
3.3
3.0
5.5
7.0
ns
Pulse Width
5.0
2.5
4.5
5.0
trec
Recovery Time
3.3
2.5
0
0
ns
CDn or SDn to CP
5.0
2.0
0
0
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 11)
Min
TypMax
MinMax
fMAX
Maximum Clock
5.0
145
210
125
MHz
Frequency
tPLH
Propagation Delay
5.0
3.0
5.5
9.5
2.5
10.5
ns
CDn or SDn to Qn or Qn
tPHL
Propagation Delay
5.0
3.0
6.0
10.0
3.0
11.5
ns
CDn or SDn to Qn or Qn
tPLH
Propagation Delay
5.0
4.0
7.5
11.0
4.0
13.0.
ns
CPn to Qn or Qn
tPHL
Propagation Delay
5.0
3.5
6.0
10.0
3.0
11.5
ns
CPn to Qn or Qn
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 12)
Typ
Guaranteed Minimum
tS
Set-up Time, HIGH or LOW
5.0
1.0
3.0
3.5
ns
Dn to CPn
tH
Hold Time, HIGH or LOW
5.0
0.5
1.0
1.0
ns
Dn to CPn
tW
CPn or CDn or SDn
5.0
3.0
5.0
6.0
ns
Pulse Width
trec
Recovery Time
5.0
2.5
0
0
ns
CDn or SDn to CP
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC OPEN
CPD
Power Dissipation Capacitance
35.0
pF
VCC 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com