Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMSA-240 Datasheet(PDF) 1 Page - Comus International

Part # LMSA-240
Description  Proximity Switch - Reed Switch based
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

LMSA-240 Datasheet(HTML) 1 Page - Comus International

  LMSA-240 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number: LMSA 240/30 (Alternate Part No: S1683G / S1682G)
Proximity Switch - Reed Switch based
Rectangular - Normally Open Contacts - Suggested Magnet: LMSM
PICTURE
APPLICATIONS INCLUDE
FEATURES
DIMENSIONS
SPECIFICATION
Drawings not to scale.
All dimensions in mm (inches) nominal.
• High Voltage version available. (MPSA 240/30)
• Cable Entry: Standard = Right hand entry (shown above). Also
available Left hand entry.
• Custom cable lengths, strip lengths, cable types, terminations.
• If you do not see what you need, just ask, as there is a strong
possibility we can do it !
• Device is intended to be mounted in an enclosure under UL
recognition.
• Position and limit sensing
• Linear actuators
• Security system switch
• Door Switch
Contact Form / Style
Normally Open
Switching Voltage
240 VAC
Switching Current
0.5 A
Switching Capacity (Resistive)
10 VA
Switching Distance
5.0 mm MIN
Operating Temperature - Continuous
-20°C +70°C
Operating Temperature - Intermittent
-20°C +70°C
Storage Temperature
-25°C +70°C
Case Material
ABS
Cable
White 7/0.2mm2 PVC 70°C
300.0 (11.811)
14.0 (0.551)
23.0 (0.905)
3.0
(0.118)
7.0
(0.275)
6.0
(0.236)
3.0
(0.118)
14.0
(0.551)
5.0
(0.197)
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2015 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
5 / 2015


Similar Part No. - LMSA-240

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LMSA-20C PAIRUI-LMSA-20C Datasheet
349Kb / 3P
Constant current LED Drivers
LMSA-20V PAIRUI-LMSA-20V Datasheet
352Kb / 3P
Constant voltage LED Drivers
More results

Similar Description - LMSA-240

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA305 SIEMENS-TCA305 Datasheet
112Kb / 7P
Proximity Switch
TCA205 SIEMENS-TCA205 Datasheet
176Kb / 6P
Proximity Switch
TCA305 SIEMENS-TCA305_05 Datasheet
593Kb / 7P
Proximity Switch
logo
Festo Corporation.
8138000 FESTO-8138000 Datasheet
85Kb / 2P
Proximity switch
8117063 FESTO-8117063 Datasheet
74Kb / 1P
Proximity switch
8117065 FESTO-8117065 Datasheet
74Kb / 1P
Proximity switch
8117066 FESTO-8117066 Datasheet
74Kb / 1P
Proximity switch
8152201 FESTO-8152201 Datasheet
95Kb / 2P
Proximity switch
1/21/22
8150171 FESTO-8150171 Datasheet
85Kb / 2P
Proximity switch
7/11/22
8150173 FESTO-8150173 Datasheet
82Kb / 2P
Proximity switch
7/11/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com