Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-L7.. Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PT-L7..
Description  .078" x 1.0" x 700° PT Series Long Screwdriver Tip for TC201 Series Iron
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PT-L7.. Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PT-L7.. Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12/7/2016
Catalog No. PTL7 Product Detail
http://apexhandtools.com/brands/CF_Files/model_detail.cfm?upc=037103473349
1/1
Weller 
.078" x 1.0" x 700° PT Series Long Screwdriver Tip for TC201 Series Iron
Product Details
Catalog No.
PTL7
UPC Code
037103473349
Fits Tool(s)
TC201T
Tip Style
Long Screwdriver
Tip Width O/D
.078 in./1.98 mm
Tip
Thickness/Height/
I/D
.027 in./.69 mm
Reach/Length
1 in./25.4 mm
Packaging
Peg Hook/Retail Packaging
Tech. Spec.
Solder_Safety_Warnings.pdf
Lineart
PT_Long_Screwdriver.pdf
Low Res. Image
PT_Long_Screwdriver_100.jpg
High Res. Image
PT_Long_Screwdriver_300.jpg
Stock Item
Normal Stock Item
Package Details (Dimensions)
Product Features:
Solid copper, plated with iron all over
Nickel and chromium behind the working surface
Designed to provide maximum heat transfer from the heater to the tip
Individually bagged


Similar Part No. - PT-L7..

ManufacturerPart #DatasheetDescription
logo
Weller Tools
PT-L7 WELLER-PT-L7 Datasheet
95Kb / 1P
Soldering Tips and Nozzles
logo
Panasonic Semiconductor
PT-L720 PANASONIC-PT-L720 Datasheet
305Kb / 2P
ULTRA-PORTABLE LCD PROJECTORS
More results

Similar Description - PT-L7..

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN224RP PANASONIC-LN224RP Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
LN224RPH PANASONIC-LN224RPH Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
LN224RPX PANASONIC-LN224RPX Datasheet
30Kb / 1P
5.0 mm X 1.0 mm Series
LN233RPH PANASONIC-LN233RPH Datasheet
32Kb / 1P
1.0 mm X 4.0 mm Series
logo
ORION FANS
OA825 ORIONFANS-OA825 Datasheet
106Kb / 1P
80 x 25mm (3.15??x 1.0??
logo
List of Unclassifed Man...
PTA7B ETC2-PTA7B Datasheet
48Kb / 1P
.062 x .62 x 700 PT Series Screwdriver Tip for TC201 Series Iron
logo
P-tec Corporation
PL00190-WCG10 P-TEC-PL00190-WCG10 Datasheet
124Kb / 1P
Dome lens 3.2 x 1.0 x 1.5mm
logo
SunLED Corporation
XZMDKMYKX56W-HTA SUNLED-XZMDKMYKX56W-HTA Datasheet
349Kb / 7P
3.0 x 1.0 mm High Temperature Series
XZMDKVGX56W-HTA SUNLED-XZMDKVGX56W-HTA Datasheet
339Kb / 7P
3.0 x 1.0 mm High Temperature Series
logo
Transko Electronics, In...
TCFL161010MF TRANSKO-TCFL161010MF Datasheet
423Kb / 1P
Ferrite Shielded Inductor SMD (1.6 x 1.0 x 1.0 mm)
Rev 1: Nov. 10 2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com