Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-R8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PT-R8
Description  .062" x .62" x 800° PT Series Narrow Screwdriver Tip / TC201 Series Iron
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PT-R8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PT-R8 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12/5/2016
Catalog No. PTR8 Product Detail
http://www
.apexhandtools.com/brands/CF_Files/model_detail.cfm?upc=037103473585
1/1
Weller 
.062" x .62" x 800° PT Series Narrow Screwdriver Tip / TC201 Series Iron
Product Details
Catalog No.
PTR8
UPC Code
037103473585
Fits Tool(s)
TC201T
Tip Style
Narrow Screwdriver
Tip Width O/D
.062 in./1.57 mm
Tip
Thickness/Height/
I/D
.044 in./1.12 mm
Reach/Length
.62 in./15.75 mm
Packaging
Peg Hook/Retail Packaging
Tech. Spec.
Solder_Safety_Warnings.pdf
Lineart
PT_Narrow_Screwdriver.pdf
Low Res. Image
PT_Narrow_Screwdriver_100.jpg
High Res. Image
PT_Narrow_Screwdriver_300.jpg
Stock Item
Normal Stock Item
Package Details (Dimensions)
Product Features:
Solid copper, plated with iron all over
Nickel and chromium behind the working surface
Designed to provide maximum heat transfer from the heater to the tip
Individually bagged


Similar Part No. - PT-R8

ManufacturerPart #DatasheetDescription
logo
Weller Tools
PT-R8 WELLER-PT-R8 Datasheet
95Kb / 1P
Soldering Tips and Nozzles
More results

Similar Description - PT-R8

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM16216H-D HANTRONIX-HDM16216H-D Datasheet
34Kb / 1P
16 Character x 2 Lines, Narrow Width PCB
logo
ORION FANS
OMB5200 ORIONFANS-OMB5200 Datasheet
1Mb / 1P
OMB5200 Series 432x348x132.6 (17' x 13.7' x 5.22') OA300ST Series 432x203x44.5mm (17' x 8' x 1.75')
logo
List of Unclassifed Man...
99820 ETC2-99820 Datasheet
43Kb / 1P
Xcelite No. 0 x 4" Series 99짰 Interchangeable Phillips Screwdriver Blade
PTA7B ETC2-PTA7B Datasheet
48Kb / 1P
.062 x .62 x 700 PT Series Screwdriver Tip for TC201 Series Iron
logo
Hantronix,Inc
HDM16216H-D HANTRONIX-HDM16216H-D_15 Datasheet
21Kb / 1P
16 Character x 2 Lines, Narrow Width PCB
logo
Keysight Technologies
DSOXT3CXPI KEYSIGHT-DSOXT3CXPI Datasheet
2Mb / 26P
X-Series Oscilloscopes
logo
LUMEX INC.
SML-LXIL2324SYC-TR LUMEX-SML-LXIL2324SYC-TR Datasheet
1Mb / 3P
6.8 X 5.8 X 2.9 Narrow Beam 6mm SMT LED
SML-LXIL2324UPGCTR LUMEX-SML-LXIL2324UPGCTR Datasheet
1Mb / 3P
6.8 X 5.8 X 2.9 Narrow Beam 6mm SMT LED
SML-LXIL2324USBCTR LUMEX-SML-LXIL2324USBCTR Datasheet
1Mb / 3P
6.8 X 5.8 X 2.9 Narrow Beam 6mm SMT LED
logo
PHOENIX CONTACT
SZ-SORTI-1 PHOENIX-SZ-SORTI-1 Datasheet
48Kb / 2P
Screwdriver range, consisting of the small screwdrivers: SZS 0,4 x 2.5, SZS 0.6 x 2.5, SZS 0.6 x 3.5, SZG 0.6 x 3.5
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com