Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5ST13SS Datasheet(PDF) 3 Page - Prokits Industries Co., LTD

Part # 5ST13SS
Description  Telecom & Network Installer to ol kits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Direct Link  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD

5ST13SS Datasheet(HTML) 3 Page - Prokits Industries Co., LTD

  5ST13SS Datasheet HTML 1Page - Prokits Industries Co., LTD 5ST13SS Datasheet HTML 2Page - Prokits Industries Co., LTD 5ST13SS Datasheet HTML 3Page - Prokits Industries Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PROKIT'S INDUSTRIES CO., LTD
5F, No.7, Lane 130, Ming­Chung Rd.,
Hsin­Tien Dist, New Taipei City, Taiwan, R.O.C
TEL:886 2 2218 3233 FAX:+886 2 2218 2722
E­mail:pk@mail.prokits.com.tw
http://www.prokits.com.tw
PRODUCT SPECIFICATION
EN#:4711552161892
PK­2628
Telecom & Network Installer to ol kits
BOM:
0CS­PK2628
0CTN­53
5ST­13­SS
Shoulder Strap
9CP­148
CP­148
Splics & Crimp Tool
SIP
9CP­3141
CP­3141
KRONE IMPACT TOOL
SIP
9PK­067DS
1PK­067DS
Dual Color Side Cutting Plier (165mm)
SIP
9SD­201A
Pro­Soft Screwdriver (­3.0 3.0x75mm)
9SD­201B
Pro­Soft Screwdriver (+#0 3.0x75mm)
9ST­2628
Tool Bag
CP­376E
Modular Crimping Tool (200mm)
MT­1210
3 1/2 Compact Digital Multimeter
MT­7029
Noise­Filtering Network PoE Toner & Probe
MT­8006B
Data Diver
Product Weight (w/o package):
Weight(g)
Measurement
0
L(mm)
W(mm)
H(mm)
0
0
0
Individual Packing
Packing:
Master Packing:
Pieces
N.W. 
(Kg)
G.W. 
(Kg)
Measurement
CUFT
L(cm)
W(cm)
H(cm)
Individual Packing
1
­
2.5
0
0
0
­
Inner Box
1
0
0
0
0
0
0
CTN
5
12.5
13.5
43
35
34.6
1.84
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com