Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M12C-PVC-4-R-F-5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M12C-PVC-4-R-F-5
Description  HIGH ACCURACY TRANSDUCERS micro-machined silicon FOR BAROMETRIC PRESSURE MEASUREMENT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M12C-PVC-4-R-F-5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M12C-PVC-4-R-F-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers M12C-PVC-4-R-F-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH ACCURACY TRANSDUCERS
mICRo-mACHINED SIlICoN
FoR BARomETRIC PRESSURE mEASUREmENT
B-133
SpecificationS
output:
Millivolt: 10 mV/V (100 mV @ 10 Vdc)
amplified Voltage: 0 to 5 Vdc or
0 to 10 Vdc
current Loop: 4 to 20 mA
power Requirements:
Millivolt: 5 to 10 Vdc (5 mA @ 10 Vdc)
amplified Voltage:
0 to 5 Vdc Supply Voltage:
10 to 30 Vdc @ 10 mA
0 to 10 Vdc Supply Voltage:
15 to 30 Vdc @ 10 mA
current Loop: 9 to 30 Vdc
[max loop res = (Vs-9) x 50];
[9 to 20 Vdc above 105°C (229°F)]
accuracy (combined Linearity,
Hysteresis and Repeatability):
±0.08% BSL
Zero Balance: ±0.5% FS typical, 1% max
Span Setting: ±0.5% FS typical,
1% max; calibrated in vertical
direction with fitting down
Barometric Pressure Absolute Pressure
outputs: mV/V, 0 to 5V, 0 to 10V
or 4 to 20 mA
0 to 32, 16 to 32 or 26 to 32 inHg
0 to 1100, 550 to 1100, 880 to 1100 hPa
U
High accuracy
±0.08% BSL includes
Linearity, Hysteresis,
and Repeatability
U
Broad temperature
compensated Range
-18 to 85°c (0 to 185°f)
U
premium temperature
performance
Span: ±0.5% over
compensated Range
U
5-point niSt traceable
calibration included
U
all Stainless Steel
Wetted parts
U
fast Response time
U
Solid State Reliability
and Stability
U
400% proof pressure
OMEGA’s PX409 series electronic
barometers are high-accuracy
barometers available in three ranges:
16 to 32 inHg, 26 to 32 inHg, or
0 to 32 inHg (absolute pressure)
for laboratory or industrial test
applications. Models with integral
cables (PX409) are IP67 while
connector styles (PX419 and PX429)
are IP65 rated. They feature all
stainless steel construction, which
makes them ideal for harsh industrial
environments. Their high operating
temperature, broad compensated
range, and excellent temperature
compensation allow stable readings
in applications with fluctuating
temperatures commonly found
where barometric pressure must
be monitored. Models are available
with millivolt, voltage or current
outputs.
ip65 rated
pX429-26Bi
ip67 rated
pX409-32BV
ip65 rated
pX419-16B5V
Product Label
Hex 22 (0.87) AF
¼-18 NPT
Pressure Adaptor
22
(0.88)
81 (3.2)
81 (3.2)
¼-18 NPT
Pressure Adaptor
Hex 2.5 (1.0) AF
Conduit back end PXM409C
Integral cable back end PXM409
28
(1.1)
5
(0.2)
Twist lock back end PXM429
Vent with
porous plug
(gage units only)
mini DIN back end PXM419
5
(0.2)
5
(0.2)
22
(0.88)
Vent with porous plug
(gage units only)
Glass to medal sealed pins PXM449
5
(0.2)
Integral cable back end PXM409
9
(0.354)
Dimensions: mm (inch)
Standard
cable style
mini Din style
Metric threads available
m12 Connector
also Available
See
To order Chart
PX409 Series
all shown actual size.
twist-lock style


Similar Part No. - M12C-PVC-4-R-F-5

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
M12C-PVC-4-R-F-5 OMEGA-M12C-PVC-4-R-F-5 Datasheet
353Kb / 1P
Micro-DC Cable Assemblies For Probes, Sensors and Transmitters
M12C-PVC-4-R-F-5 OMEGA-M12C-PVC-4-R-F-5 Datasheet
2Mb / 8P
Sanitary Pressure Transducers and Transmitters Using Micro-Machined Silicon Technology 10 mV/V, 0 to 5 Vdc, 4 to 20 mA Outputs
logo
List of Unclassifed Man...
M12C-PVC-4-R-F-5 ETC-M12C-PVC-4-R-F-5 Datasheet
499Kb / 2P
HIGH ACCURACY TRANSDUCERS micro-machined silicon with VACUUM PRESSURE RANGES
More results

Similar Description - M12C-PVC-4-R-F-5

ManufacturerPart #DatasheetDescription
logo
EPCOS
B58610A0000A001 EPCOS-B58610A0000A001 Datasheet
219Kb / 8P
Pressure sensors Barometric pressure transducer for SMT
ASB1200E EPCOS-ASB1200E Datasheet
219Kb / 8P
Barometric pressure transducer for SMT
logo
HOKURIKU ELECTRIC INDUS...
HPD-100A-C05 HOKURIKU-HPD-100A-C05 Datasheet
199Kb / 1P
Barometric Pressure Sensor
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
Barometric pressure transmitters for SMT
logo
Fujikura Ltd.
FPBS-04A FUJIKURA-FPBS-04A Datasheet
268Kb / 4P
Barometric pressure measurable
logo
Honeywell Accelerometer...
KGZ10 HONEYWELL-ACC-KGZ10 Datasheet
227Kb / 4P
High-accuracy measurement
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
Pressure Transducers
logo
Omron Electronics LLC
2SMPB-02B OMRON-2SMPB-02B Datasheet
355Kb / 22P
Measure barometric pressure and temperature with high accuracy
logo
MKS Instruments.
AA07A MKS-AA07A Datasheet
327Kb / 4P
MICRO-BARATRON PRESSURE TRANSDUCERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com