Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5522IPAP Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS5522IPAP
Description  12-Bit, 80 MSPS Analog-To-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5522IPAP Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS5522IPAP Datasheet HTML 23Page - Texas Instruments ADS5522IPAP Datasheet HTML 24Page - Texas Instruments ADS5522IPAP Datasheet HTML 25Page - Texas Instruments ADS5522IPAP Datasheet HTML 26Page - Texas Instruments ADS5522IPAP Datasheet HTML 27Page - Texas Instruments ADS5522IPAP Datasheet HTML 28Page - Texas Instruments ADS5522IPAP Datasheet HTML 29Page - Texas Instruments ADS5522IPAP Datasheet HTML 30Page - Texas Instruments ADS5522IPAP Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
www.ti.com
ADS5522
SBAS320C – MAY 2004 – REVISED FEBRUARY 2007
ADS5522 Revision history
Revision
Date
Description
A
02/05
Production data sheet released
B
04/06
Added notes regarding the input voltage overstress requirements in the absolute max ratings table
Changed minimum recommended sampling rate to 2 MSPS
Clarified the Electrical Characteristics measurement conditions
Added min VOH and max VOL specifications
Added data valid with respect to the input clock, output clock jitter, wakeup time, output clock rise
and fall time and clock propagation delay timings
Clarified output capture test modes in Table 2
Updated the definitions section
Clarified measurement conditions for the specifications plots
Updated the Power Down section to reflect the newly specified 2 MSPS minimum sampling rate
Timings specified at various sampling speeds in Table 5 and Table 6
Information added in pin assignment table for pins RESET, OE, SEN, SDATA and SCLK
Removed the input voltage stress section
In serial programming section, note added about mandatory RESET
Latency spec corrected in timing diagram and timing table to 17.5 clocks
C
02/07
Added min/max spec for offset and gain error
28
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com