Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5522IPAP.A Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS5522IPAP.A
Description  12-Bit, 80 MSPS Analog-To-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5522IPAP.A Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5522IPAP.A Datasheet HTML 17Page - Texas Instruments ADS5522IPAP.A Datasheet HTML 18Page - Texas Instruments ADS5522IPAP.A Datasheet HTML 19Page - Texas Instruments ADS5522IPAP.A Datasheet HTML 20Page - Texas Instruments ADS5522IPAP.A Datasheet HTML 21Page - Texas Instruments ADS5522IPAP.A Datasheet HTML 22Page - Texas Instruments ADS5522IPAP.A Datasheet HTML 23Page - Texas Instruments ADS5522IPAP.A Datasheet HTML 24Page - Texas Instruments ADS5522IPAP.A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
www.ti.com
ADS5522
R
50
O
W
R
50W
Z
50
O
W
25W
10W
0.1
F
m
25W
400 A x
m
f (inMSPS)
s
80
(5)
ADS5522
SBAS320C – MAY 2004 – REVISED FEBRUARY 2007
This differential input topology produces a high level
Where:
of ac-performance for high sampling rates. It also
fS > 2MSPS.
results in a very high usable input bandwidth,
This equation helps to design the output capability
especially important for high intermediate-frequency
and impedance of the driving circuit accordingly.
(IF) or undersampling applications. The ADS5522
requires each of the analog inputs (INP, INM) to be
When it is necessary to buffer or apply a gain to the
externally biased around the common-mode level of
incoming analog signal, it is possible to combine
the internal circuitry (CM, pin 17). For a full-scale
single-ended operational amplifiers with an RF
differential input, each of the differential lines of the
transformer, or to use a differential input/output
input signal (pins 19 and 20) swings symmetrically
amplifier without a transformer, to drive the input of
between CM + 0.575 V and CM –0.575 V. This
the ADS5522. Texas Instruments offers a wide
means that each input is driven with a signal of up to
selection
of
single-ended
operational
amplifiers
CM
  0.575 V, so that each input has a maximum
(including the THS3201, THS3202, OPA847, and
differential signal of 1.15 V
PP for a total differential
OPA695) that can be selected depending on the
input signal swing of 2.3 V
PP. The maximum swing is
application. An RF gain block amplifier, such as TI'ss
determined by the two reference voltages, the top
THS9001, can also be used with an RF transformer
reference (REFP, pin 29), and the bottom reference
for high input frequency applications. The THS4503
(REFM, pin 30).
is a recommended differential input/output amplifier.
Table 4 lists the recommended amplifiers.
The ADS5522 obtains optimum performance when
the analog inputs are driven differentially. The circuit
When
using
single-ended
operational
amplifiers
shown
in
Figure
38
illustrates
one
possible
(such as the THS3201, THS3202, OPA847, or
configuration using an RF transformer.
OPA695) to provide gain, a three-amplifier circuit is
recommended with one amplifier driving the primary
of an RF transformer and one amplifier in each of the
legs of the secondary driving the two differential
inputs of the ADS5522. These three amplifier circuits
minimize even-order harmonics. For high frequency
inputs, an RF gain block amplifier can be used to
drive a transformer primary; in this case, the
transformer secondary connections can drive the
input
of
the
ADS5522
directly,
as
shown
in
Figure 38, or with the addition of the filter circuit
shown in Figure 39.
Figure 39 illustrates how RIN and CIN can be placed
to isolate the signal source from the switching inputs
Figure 38. Transformer Input to Convert
of the ADC and to implement a low-pass RC filter to
Single-Ended Signal to Differential Signal
limit the input noise in the ADC. It is recommended
that these components be included in the ADS5522
The single-ended signal is fed to the primary winding
circuit layout when any of the amplifier circuits
of an RF transformer. Since the input signal must be
discussed previously are used. The components
biased around the common-mode voltage of the
allow fine-tuning of the circuit performance. Any
internal circuitry, the common-mode voltage (VCM)
mismatch between the differential lines of the
from the ADS5522 is connected to the center-tap of
ADS5522
input
produces
a
degradation
in
the secondary winding. To ensure a steady low-noise
performance
at
high
input
frequencies,
mainly
VCM reference, best performance is attained when
characterized by an increase in the even-order
the CM output (pin 17) is filtered to ground with a
harmonics. In this case, special care should be taken
0.1-
µF and 0.001-µF low-inductance capacitors,
to keep as much electrical symmetry as possible
between both inputs.
Output VCM (pin 17) is designed to directly drive the
Another possible configuration for lower-frequency
ADC input. When providing a custom CM level, be
signals
is
the
use
of
differential
input/output
aware that the input structure of the ADC sinks a
amplifiers that can simplify the driver circuit for
common-mode current in the order of 400
µA (200
applications
requiring
dc-coupling
of
the
input.
µA per input) at 80 MSPS. Equation 5 describes the
Flexible in their configurations (see Figure 40), such
dependency of the common-mode current and the
amplifiers can be used for single-ended-to-differential
sampling frequency:
conversion signal amplification.
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com