Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5522IPAPR Datasheet(PDF) 24 Page - Texas Instruments

Part # ADS5522IPAPR
Description  12-Bit, 80 MSPS Analog-To-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5522IPAPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5522IPAPR Datasheet HTML 20Page - Texas Instruments ADS5522IPAPR Datasheet HTML 21Page - Texas Instruments ADS5522IPAPR Datasheet HTML 22Page - Texas Instruments ADS5522IPAPR Datasheet HTML 23Page - Texas Instruments ADS5522IPAPR Datasheet HTML 24Page - Texas Instruments ADS5522IPAPR Datasheet HTML 25Page - Texas Instruments ADS5522IPAPR Datasheet HTML 26Page - Texas Instruments ADS5522IPAPR Datasheet HTML 27Page - Texas Instruments ADS5522IPAPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
www.ti.com
POWER-SUPPLY SEQUENCE
29
30
31
REFP
REFM
IREF
56.2kW
1
F
m
1
F
m
1 W
1 W
CLOCK INPUT
AVDD
REFP
29
28
2kW
1 W
1
F
m
POWER-DOWN
REFERENCE CIRCUIT
5 kW
5 kW
3 pF
3 pF
6 pF
CLKP
CLKM
CM
CM
ADS5522
SBAS320C – MAY 2004 – REVISED FEBRUARY 2007
connected from IREF (pin 31) to AGND to set the
proper current for the operation of the ADC, as
The preferred power-up sequence is to ramp AVDD
shown in Figure 42. No capacitor should
be
first, followed by DRVDD, including a simultaneous
connected between pin 31 and ground; only the
ramp of AVDD and DRVDD. In the event that DRVDD
56.2-k
Ω resistor should be used.
ramps up first in the system, care must be taken to
ensure that AVDD ramps up within 10 ms. Optionally,
it is recommended to put a 2-k
Ω resistor from REFP
(pin 29) to AVDD as shown in Figure 41. This helps
to make the device more robust to power supply
ramp-up timings.
Figure 42. REFP, REFM, and IREF Connections
for Optimum Performance
The ADS5522 clock input can be driven with either a
Figure 41. Power-Up Sequence
differential clock signal or a single-ended clock input,
with little or no difference in performance between
both configurations. The common-mode voltage of
the clock inputs is set internally to CM (pin 17) using
The device enters power-down in one of two ways:
internal 5-k
Ω resistors that connect CLKP (pin 10)
either by reducing the clock speed or by setting the
and CLKM (pin 11) to CM (pin 17), as shown in
PDN bit throught the serial programming interface.
Figure 43.
Using the reduced clock speed, power-down may be
initiated for clock frequency below 2 MSPS. The
exact frequency at which the power down occurs
varies from device to device.
Using the serial interface PDN bit to power down the
device places the outputs in a high-impedance state
and only the internal reference remains on to reduce
the power-up time. The power-down mode reduces
power dissipation to approximately 180 mW.
The
ADS5522
has
built-in
internal
reference
generation, requiring no external circuitry on the
printed
circuit
board
(PCB).
For
optimum
performance, it is best to connect both REFP and
REFM to ground with a 1-
µF decoupling capacitor
(the 1-
Ω resistor shown in Figure 42 is optional). In
addition, an external 56.2-k
Ω resistor should be
Figure 43. Clock Inputs
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com