Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2592RGVT.B Datasheet(PDF) 7 Page - Texas Instruments

Part # CC2592RGVT.B
Description  CC2592 2.4-GHz Range Extender
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2592RGVT.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2592RGVT.B Datasheet HTML 3Page - Texas Instruments CC2592RGVT.B Datasheet HTML 4Page - Texas Instruments CC2592RGVT.B Datasheet HTML 5Page - Texas Instruments CC2592RGVT.B Datasheet HTML 6Page - Texas Instruments CC2592RGVT.B Datasheet HTML 7Page - Texas Instruments CC2592RGVT.B Datasheet HTML 8Page - Texas Instruments CC2592RGVT.B Datasheet HTML 9Page - Texas Instruments CC2592RGVT.B Datasheet HTML 10Page - Texas Instruments CC2592RGVT.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
CC2592
www.ti.com
SWRS159 – FEBRUARY 2014
Table 3-1. Terminal Functions
Terminal
Type
Description
No.
Name
–
GND
Ground
The exposed die attach pad must be connected to a solid ground
plane. See CC2592EM reference design for the recommended layout.
1, 4, 9, 11, 12, 16
GND
Ground
Ground connections. Only terminals 9, 11, and 12 should be shorted
to the die attach pad on the top PCB layer.
2
RF_N
RF
RF interface toward CC25xx device
3
RF_P
RF
RF interface toward CC25xx device
5
PA_EN
Digital input
Digital control terminal. See Table 9-1 for details.
6
LNA_EN
Digital input
Digital control terminal. See Table 9-1 or details.
7
HGM
Digital input
Digital control terminal
HGM = 1
→ Device in High Gain Mode
HGM = 0
→ Device in Low Gain Mode
8
BIAS
Analog
Biasing input. Resistor between this node and ground sets bias
current for PA and LNA.
10
ANT
RF
Antenna interface
13
VDD_LNA
Power
2.0- to 3.7-V power
14
VDD_BIAS
Power
2.0- to 3.7-V power
15
VDD_PA
Power
2.0- to 3.7-V power
Copyright © 2014, Texas Instruments Incorporated
Device Information
7
Submit Documentation Feedback
Product Folder Links: CC2592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com