Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8655DMAS2B13KLF Datasheet(PDF) 9 Page - Amphenol Communications Solutions

Part # 8655DMAS2B13KLF
Description  D-Subminiature (D-Sub) Accessories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

8655DMAS2B13KLF Datasheet(HTML) 9 Page - Amphenol Communications Solutions

Back Button 8655DMAS2B13KLF Datasheet HTML 5Page - Amphenol Communications Solutions 8655DMAS2B13KLF Datasheet HTML 6Page - Amphenol Communications Solutions 8655DMAS2B13KLF Datasheet HTML 7Page - Amphenol Communications Solutions 8655DMAS2B13KLF Datasheet HTML 8Page - Amphenol Communications Solutions 8655DMAS2B13KLF Datasheet HTML 9Page - Amphenol Communications Solutions 8655DMAS2B13KLF Datasheet HTML 10Page - Amphenol Communications Solutions 8655DMAS2B13KLF Datasheet HTML 11Page - Amphenol Communications Solutions 8655DMAS2B13KLF Datasheet HTML 12Page - Amphenol Communications Solutions 8655DMAS2B13KLF Datasheet HTML 13Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature (D-Sub) Accessories
10• ANGLE EXIT METAL HOOD FOR CABLE EMI/RFI
Size A,B,C
Shell Size
Part Numbers
A
B
Cable Diameter
E (9)
8655MHRA0901LF
31.0
36.2
4 to 13 mm
A (15)
8655MHRA1501LF
39.5
40.2
B (25)
8655MHRA2501LF
53.2
40.2
C (37)
8655MHRA3701LF
69.7
40.2
D (50)
8655MHRA5001LF
67.2
43.7
10 to 16 mm
Size E
• Material: Zamack, nickel plated
• Cable Strain Relief: Steel fiber reinforced polycarbonate
• UL94V-0 for EMI/RFI screening
• Temperature Range: -40°C +120°C
• Environment: >40dB between 30MHz and 1GHz
• Packaging: Bulk, in box of 100 pieces
• Locking Screws: UNC 4-40 thread
11• STRAIGHT EXIT FULL METAL HOOD WITH LONG JACK SCREWS
TECHNICAL INFORMATION
• Material: Zinc, Nickel Plated
• Operating Temperature Range: -40°C to +120°C
• Cable Entry: Top Entry
• Jack Screws: UNC 4-40 (Standard) M2.5 or M3 on request
• Cable O.D: Up to 11.5mm (Size 9-37)
Up to 17mm (Size 50)
FEATURES
• Available in sizes 9-15-25-37-50
• Size 50 equipped with extra cable clamp
• Excellent EMI Shielding
• Re-openable
• Strain relief inserts ensure a secure termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com