Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2560BYFVT Datasheet(PDF) 36 Page - Texas Instruments

Part # CC2560BYFVT
Description  CC256x Dual-Mode Bluetooth® Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2560BYFVT Datasheet(HTML) 36 Page - Texas Instruments

Back Button CC2560BYFVT Datasheet HTML 32Page - Texas Instruments CC2560BYFVT Datasheet HTML 33Page - Texas Instruments CC2560BYFVT Datasheet HTML 34Page - Texas Instruments CC2560BYFVT Datasheet HTML 35Page - Texas Instruments CC2560BYFVT Datasheet HTML 36Page - Texas Instruments CC2560BYFVT Datasheet HTML 37Page - Texas Instruments CC2560BYFVT Datasheet HTML 38Page - Texas Instruments CC2560BYFVT Datasheet HTML 39Page - Texas Instruments CC2560BYFVT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
Data
Control
Event
UART transport layer
RF
General
modules:
HCI vendor-
specific
Trace
Timers
Sleep
Host controller interface
HCI data handler
HCI command handler
Link manager
Link controller
SWRS121-016
Data
Data
CC2560A NRND; CC2564 NRND
36
CC2560A, CC2560B, CC2564, CC2564B
SWRS121E – JULY 2012 – REVISED JANUARY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2560A CC2560B CC2564 CC2564B
Detailed Description
Copyright © 2012–2016, Texas Instruments Incorporated
6.7
Bluetooth Transport Layers
Figure 6-18 shows the Bluetooth transport layers.
Figure 6-18. Bluetooth Transport Layers
6.8
Changes from CC2560A and CC2564 to CC2560B and CC2564B Devices
The CC2560B and CC2564B devices include the following changes from the CC2560A and CC2564
devices:
•
From a hardware perspective, both devices are pin compatible. From a software perspective, each
device requires a different service pack. When operating with the two devices using the supported
Bluetooth stack, the devices are integrated seamlessly and use remains identical for each device.
•
Assisted mode for the HFP 1.6 (WBS) profile or the A2DP profile to enable more advanced features
without using host processing or power
•
Support for the H5 protocol in the UART transport layer using 2-wire UART
•
Enable 10 Bluetooth LE connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com