Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC243F3A Datasheet(PDF) 7 Page - Texas Instruments

Part # CD54HC243F3A
Description  CDx4HC243, CDx4HCT243 High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC243F3A Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54HC243F3A Datasheet HTML 3Page - Texas Instruments CD54HC243F3A Datasheet HTML 4Page - Texas Instruments CD54HC243F3A Datasheet HTML 5Page - Texas Instruments CD54HC243F3A Datasheet HTML 6Page - Texas Instruments CD54HC243F3A Datasheet HTML 7Page - Texas Instruments CD54HC243F3A Datasheet HTML 8Page - Texas Instruments CD54HC243F3A Datasheet HTML 9Page - Texas Instruments CD54HC243F3A Datasheet HTML 10Page - Texas Instruments CD54HC243F3A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
6 Parameter Measurement Information
tPD is the maximum between tPLH and tPHL
tt is the maximum between tTLH and tTHL
Figure 6-1. HC and HCT transition times and
propagation delay times, combination logic
Figure 6-2. HCT transition times and tpopationg
delay times, combination logic
Figure 6-3. HC three-state propagation delay
waveform
Figure 6-4. HCT three-state propagation delay
waveform
NOTE: Open drain waveforms tPLZ and tPZL are the same as those for three-state shown on the left. The test
circuit is Output RL = 1kΩ to VCC, CL = 50pF.
Figure 6-5. HC and HCT three-state propagation delay test circuit
www.ti.com
CD54HC243, CD74HC243, CD54HCT243, CD74HCT243
SCHS168E – NOVEMBER 1998 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD54HC243 CD74HC243 CD54HCT243 CD74HCT243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com